Electronic Components Datasheet Search
  English  ▼

X  

DRV8821 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8821
Description  DUAL STEPPER MOTOR CONTROLLER/DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8821 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8821 Datasheet HTML 7Page - Texas Instruments DRV8821 Datasheet HTML 8Page - Texas Instruments DRV8821 Datasheet HTML 9Page - Texas Instruments DRV8821 Datasheet HTML 10Page - Texas Instruments DRV8821 Datasheet HTML 11Page - Texas Instruments DRV8821 Datasheet HTML 12Page - Texas Instruments DRV8821 Datasheet HTML 13Page - Texas Instruments DRV8821 Datasheet HTML 14Page - Texas Instruments DRV8821 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DRV8821
www.ti.com
SLVS912E – JANUARY 2009 – REVISED AUGUST 2010
Protection Circuits
The DRV8821 is fully protected against undervoltage, overcurrent and overtemperature events.
Overcurrent Protection (OCP)
All of the drivers in DRV8821 are protected with an OCP (Over-Current Protection) circuit.
The OCP circuit includes an analog current limit circuit, which acts by removing the gate drive form each output
FET if the current through it exceeds a preset level. This circuit will limit the current to a level that is safe to
prevent damage to the FET.
A digital circuit monitors the analog current limit circuits. If any analog current limit condition exists for longer than
a preset period, all drivers in the device will be disabled.
The device is re-enabled upon the removal and re-application of power at the VM pins.
Thermal Shutdown (TSD)
If the die temperature exceeds safe limits, all drivers in the device will be shut down.
The device will remain disabled until the die temperature has fallen to a safe level. After the temperature has
fallen, the device may be re-enabled upon the removal and re-application of power at the VM pin.
Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pins falls below the undervoltage lockout threshold voltage, all circuitry in the
device will be disabled. Operation will resume when VM rises above the UVLO threshold. The indexer logic will
be reset to its initial condition in the event of an undervoltage lockout.
Shoot-Through Current Prevention
The gate drive to each FET in the H-bridge is controlled to prevent any cross-conduction (shoot through current)
during transitions.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DRV8821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com