Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 31Page - Texas Instruments AFE5804 Datasheet HTML 32Page - Texas Instruments AFE5804 Datasheet HTML 33Page - Texas Instruments AFE5804 Datasheet HTML 34Page - Texas Instruments AFE5804 Datasheet HTML 35Page - Texas Instruments AFE5804 Datasheet HTML 36Page - Texas Instruments AFE5804 Datasheet HTML 37Page - Texas Instruments AFE5804 Datasheet HTML 38Page - Texas Instruments AFE5804 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
AFE5804
www.ti.com.................................................................................................................................................. SBOS442B – JUNE 2008 – REVISED NOVEMBER 2008
Table 8. Byte 4—Third Data Byte
BIT NUMBER
BIT NAME
DESCRIPTION
D24 (LSB)
DB5:1
Channel 5, LSB of matrix control
D25
DB5:2
Channel 5, matrix control
D26
DB5:3
Channel 5, matrix control
D27
DB5:4
Channel 5, MSB of matrix control
D28
DB6:1
Channel 6, LSB of matrix control
D29
DB6:2
Channel 6, matrix control
D30
DB6:3
Channel 6, matrix control
D31 (MSB)
DB6:4
Channel 6, MSB of matrix control
Table 9. Byte 5—Fourth Data Byte
BIT NUMBER
BIT NAME
DESCRIPTION
D32 (LSB)
DB7:1
Channel 7, LSB of matrix control
D33
DB7:2
Channel 7, matrix control
D34
DB7:3
Channel 7, matrix control
D35
DB7:4
Channel 7, MSB of matrix control
D36
DB8:1
Channel 8, LSB of matrix control
D37
DB8:2
Channel 8, matrix control
D38
DB8:3
Channel 8, matrix control
D39 (MSB)
DB8:4
Channel 8, MSB of matrix control
Table 10. LPF Bandwidth Setting
SETTING
FUNCTION
BW
D3 = 0
Bandwidth set to 17MHz (default)
BW
D3 = 1
Bandwidth set to 12.5MHz
Table 11. Mode Setting
M1 [D5]
M0 [D4]
FUNCTION
0
0
CW mode
0
1
TGC mode I; high-performance mode, lowest noise
1
0
TGC mode II; lowest power mode
1
1
PW mode
Table 12. PGA Gain Setting
PG1 (D7)
PG0 (D6)
FUNCTION
0
0
Sets PGA gain to 20dB (default)
0
1
Sets PGA gain to 25dB
1
0
Sets PGA gain to 27dB
1
1
Sets PGA gain to 30dB
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com