Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 42Page - Texas Instruments AFE5804 Datasheet HTML 43Page - Texas Instruments AFE5804 Datasheet HTML 44Page - Texas Instruments AFE5804 Datasheet HTML 45Page - Texas Instruments AFE5804 Datasheet HTML 46Page - Texas Instruments AFE5804 Datasheet HTML 47Page - Texas Instruments AFE5804 Datasheet HTML 48Page - Texas Instruments AFE5804 Datasheet HTML 49Page - Texas Instruments AFE5804 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
THEORY OF OPERATION
C
IN
LNA
V/I
CWSwitchMatrix
Attenuator
(VCA)
PGA
Clamp
LPF
CW/I
OUT
OUT
OUT
T/R
Switch
V
CNTL
AFE5804
LVDS
Serializer
12-Bit
ADC
AFE5804
SBOS442B – JUNE 2008 – REVISED NOVEMBER 2008.................................................................................................................................................. www.ti.com
of 0V to 1.2V. While the LNA is designed to be driven
The AFE5804 is an eight-channel, fully integrated
from a single-ended source, the internal TGC signal
analog
front-end
device.
Its
integrated
LNA,
path is designed to be fully differential to maximize
attenuator, PGA, LPF, and ADC implement a number
dynamic
range
while
also
optimizing
for
low,
of proprietary circuit design techniques to specifically
even-order harmonic distortion.
address
the
performance
demands
of
medical
ultrasound systems. It offers unparalleled low-noise
CW doppler signal processing is facilitated by routing
and low-power performance at a high level of
the differential LNA outputs to V/I amplifier stages.
integration. For the TGC signal path, each channel
The resulting signal currents of each channel then
consists of a 20dB fixed-gain low-noise amplifier
connect to an 8×10 switch matrix that is controlled
(LNA), a linear-in-dB voltage-controlled attenuator
through the serial interface and a corresponding
(VCA), and a programmable gain amplifier (PGA), as
register. The CW outputs are typically routed to a
well as a clamping and low-pass filter stage.
passive delay line that allows coherent summing
Digitally-controlled through the logic interface, the
(beam forming) of the active channels and additional
PGA gain can be set to four different settings: 20dB,
off-chip signal processing, as shown in Figure 95.
25dB, 27dB, and 30dB. At its highest setting, the total
Applications that do not utilize the CW path can
available gain of the AFE5804 is therefore 50dB. To
simply operate the AFE5804 in TGC mode. In this
facilitate
the
logarithmic
time-gain
compensation
mode, the CW blocks (V/I amplifiers and switch
required for ultrasound systems, the VCA is designed
matrix) remain powered down, and the CW outputs
to provide a 46dB attenuation range. Here, all
can be left unconnected.
channels
are
simultaneously
controlled
by
an
externally-applied control voltage (VCNTL) in the range
Figure 95. Functional Block Diagram
46
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com