Electronic Components Datasheet Search
  English  ▼

X  

AFE5804 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 0.89nV/?숰z, 12-Bit, 40MSPS, 101mW/Channel
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE5804 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE5804 Datasheet HTML 5Page - Texas Instruments AFE5804 Datasheet HTML 6Page - Texas Instruments AFE5804 Datasheet HTML 7Page - Texas Instruments AFE5804 Datasheet HTML 8Page - Texas Instruments AFE5804 Datasheet HTML 9Page - Texas Instruments AFE5804 Datasheet HTML 10Page - Texas Instruments AFE5804 Datasheet HTML 11Page - Texas Instruments AFE5804 Datasheet HTML 12Page - Texas Instruments AFE5804 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
R
OUT8M
OUT7M
OUT6M
OUT5M
LVSS
OUT1M
OUT2M
OUT3M
OUT4M
9
8
7
6
5
4
3
2
1
P
OUT8P
OUT7P
OUT6P
OUT5P
LVDD
OUT1P
OUT2P
OUT3P
OUT4P
N
FCLKP
FCLKM
LVDD
LVDD
LVSS
LVSS
LVSS
LCLKM
LCLKP
M
DNC
DNC
AVSS1
AVSS1
AVSS1
AVSS1
AVSS1
DNC
DNC
L
EN_SM
AVDD1
AVSS1
AVSS1
AVSS1
AVSS1
AVSS1
AVDD1
CLKP
K
ISET
CM
AVDD1
AVDD1
AVDD1
DNC
AVDD1
DNC
CLKM
J
REFB
REFT
AVDD1
AVSS2
AVSS2
AVSS2
INT/
EXT
AVDD1
AVSS1
H
ADS_
RESET
SDATA
CS
SCLK
RST
VCA_
CS
DNC
DNC
ADS_PD
G
CW4
AVDD2
VREFL
AVSS2
AVSS2
AVSS2
VCM
AVDD2
CW5
F
CW3
VB6
VREFH
AVSS2
AVSS2
AVSS2
VB5
VB1
CW6
E
CW2
AVDD_5V
VB4
AVSS2
AVSS2
AVSS2
VB3
AVDD_5V
CW7
D
CW1
VB2
AVSS2
AVSS2
DVDD
AVSS2
AVSS2
VCNTL
CW8
C
CW0
AVDD2
AVSS2
AVSS2
DVDD
AVSS2
AVSS2
AVDD2
CW9
B
VBL5
VBL6
VBL7
VBL8
DNC
VBL4
VBL3
VBL2
VBL1
A
IN5
IN6
Legend: AVDD1
+3.3V;Analog
AVDD2
+3.3V;Analog
+3.3V;Analog
+1.8V;Digital
+5V;Analog
DVDD
LVDD
AVDD_5V
AnalogGround
AnalogGround
DigitalGround
AVSS1
AVSS2
LVSS
IN7
IN8
VCA_PD
IN4
IN3
IN2
IN1
AFE5804
www.ti.com.................................................................................................................................................. SBOS442B – JUNE 2008 – REVISED NOVEMBER 2008
ZCF PACKAGE
135-BGA
CONFIGURATION MAP (TOP VIEW)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): AFE5804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com