Electronic Components Datasheet Search
  English  ▼

X  

EPC16 Datasheet(PDF) 2 Page - Altera Corporation

Part # EPC16
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC16 Datasheet(HTML) 2 Page - Altera Corporation

  EPC16 Datasheet HTML 1Page - Altera Corporation EPC16 Datasheet HTML 2Page - Altera Corporation EPC16 Datasheet HTML 3Page - Altera Corporation EPC16 Datasheet HTML 4Page - Altera Corporation EPC16 Datasheet HTML 5Page - Altera Corporation EPC16 Datasheet HTML 6Page - Altera Corporation EPC16 Datasheet HTML 7Page - Altera Corporation EPC16 Datasheet HTML 8Page - Altera Corporation EPC16 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
1–2
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Functional Description
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
■
Supports ISP via Jam Standard Test and Programming Language (STAPL)
■
Supports JTAG boundary scan
■ nINIT
_CONF pin allows private JTAG instruction to start FPGA configuration
■
Internal pull-up resistor on nINIT_CONF always enabled
■
User programmable weak internal pull-up resistors on nCS and OE pins
■
Internal weak pull-up resistors on external flash interface address and control
lines, bus hold on data lines
■
Standby mode with reduced power consumption
f For more information about FPGA configuration schemes and advanced features,
refer to the appropriate FPGA family chapter in the Configuration Handbook.
Functional Description
The Altera enhanced configuration device is a single-device, high-speed, advanced
configuration solution for very high-density FPGAs. The core of an enhanced
configuration device is divided into two major blocks: a configuration controller and a
flash memory. The flash memory is used to store configuration data for systems made
up of one or more Altera FPGAs. Unused portions of the flash memory can be used to
store processor code or data that can be accessed via the external flash interface after
FPGA configuration is complete. Table 1–1 summarizes the features of Altera
configuration devices and the amount of configuration space they hold.
Table 1–2 lists the supported configuration devices required to configure an ACEX 1K,
APEX 1K, APEX 20K, APEX 20KC, APEX 20KE, APEX II, Arria GX, Cyclone,
Cyclone II, FLEX 10K, FLEX 10KA, FLEX 10KE, Stratix, Stratix GX, Stratix II, Stratix II
GX, or Mercury device.
Table 1–1. Altera Configuration Devices
Device
Memory Size
(bits)
On-Chip
Decompression
Support
ISP
Support
Cascading
Support
Reprogrammable
Operating
Voltage (V)
EPC4
4,194,304
Yes
Yes
No
Yes
3.3
EPC8
8,388,608
Yes
Yes
No
Yes
3.3
EPC16
16,777,216
Yes
Yes
No
Yes
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com