Electronic Components Datasheet Search
  English  ▼

X  

EPC16 Datasheet(PDF) 32 Page - Altera Corporation

Part # EPC16
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC16 Datasheet(HTML) 32 Page - Altera Corporation

Back Button EPC16 Datasheet HTML 26Page - Altera Corporation EPC16 Datasheet HTML 27Page - Altera Corporation EPC16 Datasheet HTML 28Page - Altera Corporation EPC16 Datasheet HTML 29Page - Altera Corporation EPC16 Datasheet HTML 30Page - Altera Corporation EPC16 Datasheet HTML 31Page - Altera Corporation EPC16 Datasheet HTML 32Page - Altera Corporation EPC16 Datasheet HTML 33Page - Altera Corporation EPC16 Datasheet HTML 34Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
1–32
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Package
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Figure 1–8 shows the PCB routing for the 88-pin UFBGA package. The Gerber file for
this layout is on the Altera website.
Package Layout Recommendation
Sharp flash-based EPC16 and EPC8 enhanced configuration devices in the 100-pin
PQFP packages have different package dimensions than other Altera 100-pin PQFP
devices (including the Micron flash-based EPC4, Intel flash-based EPC16, EPC8 and
EPC4). Figure 1–9 shows the 100-pin PQFP PCB footprint specifications for enhanced
configuration devices that allows for vertical migration between all devices. These
footprint dimensions are based on vendor-supplied package outline diagrams.
Figure 1–8. PCB Routing for 88-Pin UFBGA Package (Note 1)
Notes to Figure 1–8:
(1) If the external flash interface feature is not used, then the flash pins should be left unconnected because they are internally connected to the
controller unit. The only pins that need external connections are WP#, WE#, and RP#. If the flash is being used as an external memory source,
then the flash pins should be connected as outlined in the pin descriptions section.
(2) F-RP# and F-WE# are pins on the flash die. C-RP# and C-WE# are pins on the controller die. C-WE# and F-WE# should be connected together
on the PCB. F-RP# and C-RP# should also be connected together on the PCB.
(3) WP# (write protection pin) should be connected to a high level (3.3 V) to be able to program the flash bottom boot block, which is required when
programming the device using the Quartus II software.
(4) RY/BY# is only available in Sharp flash-based enhanced configuration devices.
(5) Pin D3 is a NC pin for Intel Flash-based EPC16.
NC
OE
VCC
TCK
TDI
TDO
TMS
nCS
GND
A20
A16
GND
WP#
(3)
NC
A18
EXCLK
A11
A8
VCCW
NC
A17
A5
A15
A10
nINIT
CONF
TM1
A19
PGM2
A7
A4
A14
A9
PGM1
VCC
DQ11
PORSEL
A6
A0
A13
DQ15
DQ13
A12
GND
DCLK
DATA7
NC
DATA6
DATA5
DQ7
DQ14
PGM0
NC
GND
TM0
OE#
GND
CE#
DATA0
GND
VCC
A1
A2
A3
DQ9
DATA4
DATA3
DATA2
DATA1
DQ5
VCC
DQ3
DQ1
DQ4
VCC
DQ2
DQ0
DQ6
DQ12
VCC
DQ10
DQ8
NC
VCC
RY/BY#
C-WE#
F-WE#
F-RP#
C-RP#
(2)
(2)
(2)
(2)
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com