Electronic Components Datasheet Search
  English  ▼

X  

EPC16 Datasheet(PDF) 30 Page - Altera Corporation

Part # EPC16
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC16 Datasheet(HTML) 30 Page - Altera Corporation

Back Button EPC16 Datasheet HTML 26Page - Altera Corporation EPC16 Datasheet HTML 27Page - Altera Corporation EPC16 Datasheet HTML 28Page - Altera Corporation EPC16 Datasheet HTML 29Page - Altera Corporation EPC16 Datasheet HTML 30Page - Altera Corporation EPC16 Datasheet HTML 31Page - Altera Corporation EPC16 Datasheet HTML 32Page - Altera Corporation EPC16 Datasheet HTML 33Page - Altera Corporation EPC16 Datasheet HTML 34Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
1–30
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Operating Conditions
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Operating Conditions
Table 1–15 through Table 1–19 provide information about absolute maximum ratings,
recommended operating conditions, DC operating conditions, supply current values,
and pin capacitance data for the enhanced configuration devices.
tLOE
OE
assert time to assure reset
—
60
—
—
ns
fECLK
EXCLK
input frequency
40% duty cycle
—
—
100
MHz
tECLK
EXCLK
input period
—
10
—
—
ns
tECLKH
EXCLK
input duty cycle high time
40% duty cycle
4
—
—
ns
tECLKL
EXCLK
input duty cycle low time
40% duty cycle
4
—
—
ns
tECLKR
EXCLK
input rise time
100 MHz
—
—
3
ns
tECLKF
EXCLK
input fall time
100 MHz
—
—
3
ns
tPOR (4)
POR time
2 ms
1
2
3
ms
100 ms
70
100
120
ms
Notes to Table 1–14:
(1) To calculate tOH, use the following equation: tOH = 0.5 (DCLK period) - 2.5 ns.
(2) This parameter is used for CRC error detection by the FPGA.
(3) This parameter is used for CONF_DONE error detection by the enhanced configuration device.
(4) The FPGA VCCINT ramp time should be less than 1-ms for 2-ms POR, and it should be less than 70 ms for 100-ms POR.
Table 1–14. Enhanced Configuration Device Configuration Parameters (Part 2 of 2)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Table 1–15. Enhanced Configuration Device Absolute Maximum Rating
Symbol
Parameter
Condition
Min
Max
Unit
VCC
Supply voltage
With respect to ground
-0.2
4.6
V
VI
DC input voltage
With respect to ground
-0.5
3.6
V
IMAX
DC VCC or ground current
—
—
100
mA
IOUT
DC output current, per pin
—
-25
25
mA
PD
Power dissipation
—
—
360
mW
TSTG
Storage temperature
No bias
-65
150
C
TAMB
Ambient temperature
Under bias
-65
135
C
TJ
Junction temperature
Under bias
—
135
C
Table 1–16. Enhanced Configuration Device Recommended Operating Conditions
Symbol
Parameter
Condition
Min
Max
Unit
VCC
Supplies voltage for 3.3-V operation
—
3.0
3.6
V
VI
Input voltage
With respect to ground
–0.3
VCC + 0.3
V
VO
Output voltage
—
0
VCC
V
TA
Operating temperature
For commercial use
0
70
C
For industrial use
–40
85
C
TR
Input rise time
—
—
20
ns
TF
Input fall time
—
—
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com