Electronic Components Datasheet Search
  English  ▼

X  

TAS5713PHPR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713PHPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5713PHPR Datasheet HTML 45Page - Texas Instruments TAS5713PHPR Datasheet HTML 46Page - Texas Instruments TAS5713PHPR Datasheet HTML 47Page - Texas Instruments TAS5713PHPR Datasheet HTML 48Page - Texas Instruments TAS5713PHPR Datasheet HTML 49Page - Texas Instruments TAS5713PHPR Datasheet HTML 50Page - Texas Instruments TAS5713PHPR Datasheet HTML 51Page - Texas Instruments TAS5713PHPR Datasheet HTML 52Page - Texas Instruments TAS5713PHPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
Table 12. Master Volume Table (continued)
HEX
dB
HEX
dB
HEX
dB
HEX
dB
HEX
dB
HEX
dB
26
5
56
–19
86
–43
B6
–67
E6
–91
27
4.5
547
–19.5
87
–43.5
B7
–67.5
E7
–91.5
28
4
58
–20
88
–44
B8
–68
E8
–92
29
3.5
59
–20.5
89
–44.5
B9
–68.5
E9
–92.5
2A
3
5A
–21
8A
–45
BA
–69
EA
–93
2B
2.5
5B
–21.5
8B
–45.5
BB
–69.5
EB
–93.5
2C
2
5C
–22
8C
–46
BC
–70
EC
–94
2D
1.5
5D
–22.5
8D
–46.5
BD
–70.5
ED
–94.5
2E
1
5E
–23
8E
–47
BE
–71
EE
–95
2F
0.5
5F
–23.5
8F
–47.5
BF
–71.5
EF
–95.5
VOLUME CONFIGURATION REGISTER (0x0E)
Bits
Volume slew rate (used to control volume change and MUTE ramp rates). These bits control the
D2–D0:
number of steps in a volume ramp. Volume steps occur at a rate that depends on the sample rate of
the I2S data as follows:
Sample rate (kHz)
Approximate ramp rate
8/16/32
125
μs/step
11.025/22.05/44.1
90.7
μs/step
12/24/48
83.3
μs/step
Table 13. Volume Control Register (0x0E)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
0
0
1
0
–
–
–
Reserved (1)
–
–
–
–
–
0
0
0
Volume slew 512 steps (43 ms volume ramp time at 48 kHz)(1)
–
–
–
–
–
0
0
1
Volume slew 1024 steps (85-ms volume ramp time at 48 kHz)
–
–
–
–
–
0
1
0
Volume slew 2048 steps (171-ms volume ramp time at 48 kHz)
–
–
–
–
–
0
1
1
Volume slew 256 steps (21-ms volume ramp time at 48 kHz)
–
–
–
–
–
1
X
X
Reserved
(1)
Default values are in bold.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com