Electronic Components Datasheet Search
  English  ▼

X  

TAS5713PHPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713PHPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5713PHPR Datasheet HTML 6Page - Texas Instruments TAS5713PHPR Datasheet HTML 7Page - Texas Instruments TAS5713PHPR Datasheet HTML 8Page - Texas Instruments TAS5713PHPR Datasheet HTML 9Page - Texas Instruments TAS5713PHPR Datasheet HTML 10Page - Texas Instruments TAS5713PHPR Datasheet HTML 11Page - Texas Instruments TAS5713PHPR Datasheet HTML 12Page - Texas Instruments TAS5713PHPR Datasheet HTML 13Page - Texas Instruments TAS5713PHPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
TAS5713
SLOS637 – DECEMBER 2009
www.ti.com
AC Characteristics (BTL, PBTL)
PVDD_x = 18 V, BTL AD mode, fS = 48 KHz, RL = 8 Ω, ROCP = 22 KΩ, CBST = 33 nF, audio frequency = 1 kHz, AES17 filter,
fPWM = 384 kHz, TA = 25°C (unless otherwise specified). All performance is in accordance with recommended operating
conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 18 V,10% THD, 1-kHz input signal
21.5
PVDD = 18 V, 7% THD, 1-kHz input signal
20.3
PVDD = 12 V, 10% THD, 1-kHz input signal
9.6
PVDD = 12 V, 7% THD, 1-kHz input signal
9.1
PVDD = 8 V, 10% THD, 1-kHz input signal
4.2
PVDD = 8 V, 7% THD, 1-kHz input signal
4
PO
Power output per channel
W
PBTL mode, PVDD = 12 V, RL = 4 Ω,
18.7
10% THD, 1-kHz input signal
PBTL mode, PVDD = 12 V, RL = 4 Ω,
17.7
7% THD, 1-kHz input signal
PBTL mode, PVDD = 18 V, RL = 4 Ω,
41.5
10% THD, 1-kHz input signal
PBTL mode, PVDD = 18 V, RL = 4 Ω,
39
7% THD, 1-kHz input signal
PVDD = 18 V, PO = 1 W
0.07%
THD+N
Total harmonic distortion + noise
PVDD = 12 V, PO = 1 W
0.03%
PVDD = 8 V, PO = 1 W
0.1%
Vn
Output integrated noise (rms)
A-weighted
56
μV
PO = 0.25 W, f = 1 kHz (BD Mode)
–82
dB
Crosstalk
PO = 0.25 W, f = 1 kHz (AD Mode)
–69
dB
A-weighted, f = 1 kHz, maximum power at
SNR
Signal-to-noise ratio(1)
106
dB
THD < 1%
(1)
SNR is calculated relative to 0-dBFS input level.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com