Electronic Components Datasheet Search
  English  ▼

X  

TAS5713PHPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713PHPR
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713PHPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5713PHPR Datasheet HTML 8Page - Texas Instruments TAS5713PHPR Datasheet HTML 9Page - Texas Instruments TAS5713PHPR Datasheet HTML 10Page - Texas Instruments TAS5713PHPR Datasheet HTML 11Page - Texas Instruments TAS5713PHPR Datasheet HTML 12Page - Texas Instruments TAS5713PHPR Datasheet HTML 13Page - Texas Instruments TAS5713PHPR Datasheet HTML 14Page - Texas Instruments TAS5713PHPR Datasheet HTML 15Page - Texas Instruments TAS5713PHPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
SCL
SDA
t
w(H)
t
w(L)
t
r
t
f
t
su1
t
h1
T0027-01
SCL
SDA
t
h2
t
(buf)
t
su2
t
su3
Start
Condition
Stop
Condition
T0028-01
TAS5713
SLOS637 – DECEMBER 2009
www.ti.com
I
2C SERIAL CONTROL PORT OPERATION
Timing characteristics for I
2C Interface signals over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fSCL
Frequency, SCL
No wait states
400
kHz
tw(H)
Pulse duration, SCL high
0.6
μs
tw(L)
Pulse duration, SCL low
1.3
μs
tr
Rise time, SCL and SDA
300
ns
tf
Fall time, SCL and SDA
300
ns
tsu1
Setup time, SDA to SCL
100
ns
th1
Hold time, SCL to SDA
0
ns
t(buf)
Bus free time between stop and start conditions
1.3
μs
tsu2
Setup time, SCL to start condition
0.6
μs
th2
Hold time, start condition to SCL
0.6
μs
tsu3
Setup time, SCL to stop condition
0.6
μs
CL
Load capacitance for each bus line
400
pF
Figure 3. SCL and SDA Timing
Figure 4. Start and Stop Conditions Timing
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5713



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com