Electronic Components Datasheet Search
  English  ▼

X  

THS7373IPWR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # THS7373IPWR
Description  4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7373IPWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button THS7373IPWR Datasheet HTML 35Page - Texas Instruments THS7373IPWR Datasheet HTML 36Page - Texas Instruments THS7373IPWR Datasheet HTML 37Page - Texas Instruments THS7373IPWR Datasheet HTML 38Page - Texas Instruments THS7373IPWR Datasheet HTML 39Page - Texas Instruments THS7373IPWR Datasheet HTML 40Page - Texas Instruments THS7373IPWR Datasheet HTML 41Page - Texas Instruments THS7373IPWR Datasheet HTML 42Page - Texas Instruments THS7373IPWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
THS7373
www.ti.com
SBOS506 – DECEMBER 2009
The THS7373 CVBS CVBS filter has a nominal
450-V/µs slew rate. This bypass supports 1080p60
corner (–3 dB) frequency at 9.5-MHz and a –1-dB
signals along with computer R’G’B’ signals up to
passband typically at 8.2 MHz. This 9.5-MHz filter is
QXGA or UWXGA resolution. This mode still uses the
ideal for CVBS NTSC, PAL, and SECAM composite
dc + shift functionality along with the transparent
video (CVBS) signals. The 9.5-MHz, –3-dB corner
sync-tip-clamp
function.
Essentially,
the
only
frequency was designed to achieve 54 dB of
difference in this mode is that the HD filters are
attenuation
at
27
MHz—a
common
sampling
bypassed.
frequency between the DAC/ADC second and third
Nyquist zones found in many video systems. This
BENEFITS OVER PASSIVE FILTERING
consideration is important because any signal that
Two key benefits of using an integrated filter system,
appears around this frequency can also appear in the
such as the THS7373, over a passive system are
baseband as a result of aliasing effects of an ADC
PCB area and filter variations. The small TSSOP-14
found in a receiver.
package for four video channels is much smaller over
The THS7373 HD filters have a nominal corner
a passive RLC network, especially a six-pole passive
(–3-dB) frequency at 36MHz and a –1-dB passband
network. Additionally, consider that inductors have at
typically at 33 MHz. This 36-MHz filter is ideal for HD
best ±10% tolerances (normally, ±15% to ±20% is
720p, 1080i, up to 1080p30 Y’/P’B/P’R, broadcast
common)
and
capacitors
typically
have
±10%
G’B’R’ signals, and computer R’G’B’ video signals.
tolerances. Using a Monte Carlo analysis shows that
The 36-MHz, –3-dB corner frequency was designed
the filter corner frequency (–3 dB), flatness (–1 dB), Q
to achieve 40 dB of attenuation at 74.25 MHz—a
factor (or peaking), and channel-to-channel delay
common sampling frequency between the DAC/ADC
have wide variations. These variances can lead to
second and third Nyquist zones found in many video
potential
performance
and
quality
issues
in
systems.
mass-production environments. The THS7373 solves
most of these problems with the corner frequency
Keep in mind that images do not stop at the DAC
being essentially the only variable.
sampling frequency, fS (for example, 27 MHz for
traditional CVBS DACs); they continue around the
Another concern about passive filters is the use of
sampling frequencies of 2x fS, 3x fS, 4x fS, and so on
inductors. Inductors are magnetic components, and
(that is, 54-MHz, 81-MHz, 108-MHz, etc.). Because of
are
therefore
susceptible
to
electromagnetic
these multiple images, an ADC can fold down into the
coupling/interference
(EMC/EMI).
Some
common
baseband signal, meaning that the low-pass filter
coupling can occur because of other video channels
must also eliminate these higher-order images. The
nearby using inductors for filtering, or it can come
THS7373 filters are Butterworth filters and, as such,
from nearby switched-mode power supplies. Some
do not bounce at higher frequencies, thus maintaining
other forms of coupling could be from outside sources
good attenuation performance.
with strong EMI radiation and can cause failure in
EMC testing such as required for CE compliance.
The filter frequencies were chosen to account for
process variations in the THS7373. To ensure the
One concern about an active filter in an integrated
required video frequencies are effectively passed, the
circuit is the variation of the filter characteristics when
filter corner frequency must be high enough to allow
the ambient temperature and the subsequent die
component variations. The other consideration is that
temperature
change.
To
minimize
temperature
the attenuation must be large enough to ensure the
effects,
the
THS7373
uses
low-temperature
anti-aliasing/reconstruction filtering is sufficient to
coefficient resistors and high-quality, low-temperature
meet the system demands. Thus, the selection of the
coefficient capacitors found in the BiCom3X process.
filter frequencies was not arbitrarily selected and is a
These filters have been specified by design to
good compromise that should meet the demands of
account for process variations and temperature
most systems.
variations to maintain proper filter characteristics.
This approach maintains a low channel-to-channel
HD FILTER BYPASS MODE
time delay that is required for proper video signal
performance.
The THS7373 has an HD filter bypass mode that
bypasses the HD channels internal filters, thus the
THS7373 effectively becomes a fixed gain 2-V/V
operational amplifier. Bypassing the HD filters results
in an amplifier supporting a 350-MHz bandwidth and
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): THS7373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com