Electronic Components Datasheet Search
  English  ▼

X  

THS7373IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS7373IPWR
Description  4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7373IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7373IPWR Datasheet HTML 9Page - Texas Instruments THS7373IPWR Datasheet HTML 10Page - Texas Instruments THS7373IPWR Datasheet HTML 11Page - Texas Instruments THS7373IPWR Datasheet HTML 12Page - Texas Instruments THS7373IPWR Datasheet HTML 13Page - Texas Instruments THS7373IPWR Datasheet HTML 14Page - Texas Instruments THS7373IPWR Datasheet HTML 15Page - Texas Instruments THS7373IPWR Datasheet HTML 16Page - Texas Instruments THS7373IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
100k
10k
1k
100
100k
1G
Frequency(Hz)
1M
10M
100M
V =+3.3Vand+5V
DisableMode
S
10k
1k
100
100k
1G
Frequency(Hz)
1M
10M
100M
V =+3.3Vand+5V
DisableMode
S
815
810
805
800
795
790
785
-40
85
AmbientTemperature( C)
°
-15
10
35
60
V =+3.3Vand+5V
CVBSandHDChannels
S
17.5
17.3
17.1
16.9
16.7
16.5
16.3
16.1
15.9
15.7
15.5
-40
85
AmbientTemperature( C)
°
-15
10
35
NoLoad
60
V =+5V
S
V =+3.3V
S
17.50
17.25
17.00
16.75
16.50
16.25
16.00
15.75
15.50
3.0
5.0
SupplyVoltage(V)
3.5
4.0
4.5
R =150 W
L
THS7373
www.ti.com
SBOS506 – DECEMBER 2009
TYPICAL CHARACTERISTICS: +3.3 V and +5 V (continued)
With load = 150
Ω || 10 pF, dc-coupled input and output, unless otherwise noted.
CVBS CHANNEL DISABLED OUTPUT IMPEDANCE vs
HD CHANNELS DISABLED OUTPUT IMPEDANCE vs
FREQUENCY
FREQUENCY
Figure 8.
Figure 9.
INPUT RESISTANCE vs TEMPERATURE
TOTAL QUIESCENT CURRENT vs TEMPERATURE
Figure 10.
Figure 11.
TOTAL QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 12.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS7373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com