Electronic Components Datasheet Search
  English  ▼

X  

THS7373IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS7373IPWR
Description  4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7373IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS7373IPWR Datasheet HTML 17Page - Texas Instruments THS7373IPWR Datasheet HTML 18Page - Texas Instruments THS7373IPWR Datasheet HTML 19Page - Texas Instruments THS7373IPWR Datasheet HTML 20Page - Texas Instruments THS7373IPWR Datasheet HTML 21Page - Texas Instruments THS7373IPWR Datasheet HTML 22Page - Texas Instruments THS7373IPWR Datasheet HTML 23Page - Texas Instruments THS7373IPWR Datasheet HTML 24Page - Texas Instruments THS7373IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0.3
-
0
600
Time(ns)
100
4
2
0
2
4
6
8
10
12
14
-
-
-
-
-
-
-
500
400
300
200
V
DISABLE
V
OUT
V =+3.3V
BypassMode
S
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
300
Time(ns)
50
4
2
0
2
4
6
8
10
12
-
-
-
-
-
-
250
200
150
100
V =+3.3V
f
=50MHz
S
IN
V
BYPASS
V
OUT
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0.3
-
0
600
Time(ns)
100
4
2
0
2
4
6
8
10
12
14
-
-
-
-
-
-
-
500
400
300
200
V
DISABLE
V
OUT
V =+3.3V
FilterMode
S
THS7373
www.ti.com
SBOS506 – DECEMBER 2009
TYPICAL CHARACTERISTICS: 3.3 V, High-Definition (HD) Channels (continued)
With load = 150
Ω || 5 pF, dc-coupled input and output, unless otherwise noted.
HD CHANNELS BYPASS MODE RESPONSE vs TIME
HD CHANNELS DISABLE MODE RESPONSE vs TIME
Figure 50.
Figure 51.
HD CHANNELS DISABLE MODE RESPONSE vs TIME
Figure 52.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS7373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com