Electronic Components Datasheet Search
  English  ▼

X  

DAC7728 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7728
Description  Octal, 12-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7728 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC7728 Datasheet HTML 35Page - Texas Instruments DAC7728 Datasheet HTML 36Page - Texas Instruments DAC7728 Datasheet HTML 37Page - Texas Instruments DAC7728 Datasheet HTML 38Page - Texas Instruments DAC7728 Datasheet HTML 39Page - Texas Instruments DAC7728 Datasheet HTML 40Page - Texas Instruments DAC7728 Datasheet HTML 41Page - Texas Instruments DAC7728 Datasheet HTML 42Page - Texas Instruments DAC7728 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
DAC7728
www.ti.com
SBAS461A – JUNE 2009 – REVISED NOVEMBER 2009
POWER-ON RESET
The DAC7728 contains a power-on reset circuit that controls the output during power-on and power down. This
feature is useful in applications where the known state of the DAC output during power-on is important. The
Offset DAC Registers, DAC Data Registers, and DAC latches are loaded with the value defined by the RSTSEL
pin, as shown in Table 8. The Gain Registers and Zero Registers are loaded with default values. The Input Data
Register is reset to 000h, independent of the RSTSEL state.
Table 8. Bipolar Output Reset Values for Dual Power-Supply Operation
VALUE OF DAC
VALUE OF OFFSET
DATA REGISTER
DAC REGISTER
RSTSEL PIN
USB/BTC PIN
INPUT FORMAT
AND DAC LATCH
FOR GAIN = 6(1)
VOUT
DGND
DGND
Straight Binary
000h
99Ah
–Full-Scale
IOVDD
DGND
Straight Binary
800h
99Ah
0 V
DGND
IOVDD
Twos Complement
800h
19Ah
–Full-Scale
IOVDD
IOVDD
Twos Complement
000h
19Ah
0 V
(1)
Offset DAC A and Offset DAC B are trimmed in manufacturing to minimize the error for symmetrical output. The default value may vary
no more than ±2 LSB from the nominal number listed in this table.
In single-supply operation, the Offset DAC is turned off and the output is unipolar. The power-on reset is defined
as shown in Table 9.
Table 9. Unipolar Output Reset Values for Single Power-Supply Operation
VALUE OF DAC DATA
REGISTER AND DAC
RSTSEL PIN
USB/BTC PIN
INPUT FORMAT
LATCH
VOUT
DGND
DGND
Straight Binary
000h
0 V
IOVDD
DGND
Straight Binary
800h
Midscale
DGND
IOVDD
Twos Complement
800h
0 V
IOVDD
IOVDD
Twos Complement
000h
Midscale
HARDWARE RESET
When the RST pin is low, the device is in hardware reset. All the analog outputs (VOUT-0 to VOUT-7), the DAC
registers, and the DAC latches are set to the reset values defined by the RSTSEL pin as shown in Table 8 and
Table 9. In addition, the Gain and Zero registers are loaded with default values, communication is disabled, and
the signals on R/W, CS , [D0:D11], and [A0:A4] are ignored (note that [D0:D11] are in a high-impedance state).
The Input Data Register is reset to 000h, independent of the RSTSEL state. On the rising edge of RST, the
analog outputs (VOUT-0 to VOUT-7) maintain the reset value as defined by the RSTSEL pin until a new value is
programmed. After RST goes high, the parallel interface returns to normal operation. CS must be set to a logic
high whenever RST is used.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC7728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com