Electronic Components Datasheet Search
  English  ▼

X  

DAC7728 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7728
Description  Octal, 12-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7728 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7728 Datasheet HTML 5Page - Texas Instruments DAC7728 Datasheet HTML 6Page - Texas Instruments DAC7728 Datasheet HTML 7Page - Texas Instruments DAC7728 Datasheet HTML 8Page - Texas Instruments DAC7728 Datasheet HTML 9Page - Texas Instruments DAC7728 Datasheet HTML 10Page - Texas Instruments DAC7728 Datasheet HTML 11Page - Texas Instruments DAC7728 Datasheet HTML 12Page - Texas Instruments DAC7728 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
An og
al
Monit r
o
ToDAC-0,DAC-1,
DAC-2,DAC-3
ToDAC-0,DAC-1,
DAC-2,DAC-3
ToDAC-4,DAC-5,DAC-6,DAC-7
DAC7728
OFFSET-B
AGND-B
V
OUT-7
V
MON
OFFSET-A
AGND-A
REF-B
Reference
BufferB
InternalTrimming
Zero/Gain;INL
Reference
BufferA
OFFSET
DACA
OFFSET
DACB
DAC-0
Latch-0
Power-Up/
Power-Down
Control
(SameFunctionBlocks
forAllChannels)
REF-A
LDAC
RST
RSTSEL
LDAC
CLR
USB/BTC
BUSY
GPIO
D11
D0
CS
R/W
IOV
DD
DGND
DV
DD
AV
DD
AV
SS
V
-0
OUT
V
-7
OUT
RefBufferA
RefBufferB
OFFSET-B
Command
Registers
InputData
Register0
Correction
Engine
(WhenCorrectionEngineDisabled)
DAC-0
Data
UserCalibration:
ZeroRegister0
GainRegsiter0
V
-0
OUT
A4
A0
DAC7728
www.ti.com
SBAS461A – JUNE 2009 – REVISED NOVEMBER 2009
ELECTRICAL CHARACTERISTICS: Single-Supply (continued)
All specifications at TA = TMIN to TMAX, AVDD = +32V, AVSS = 0V, DVDD = +5V, REF-A and REF-B = +5V, gain = 6, AGND-x =
DGND = 0V, and OFFSET-A = OFFSET-B = AGND, unless otherwise noted.
DAC7728
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
AVDD
+9
+36
V
DVDD
+2.7
+5.5
V
IOVDD
+1.7
DVDD
V
Normal operation, midscale code, output unloaded
4.5
7
mA
AIDD
Power down, output unloaded
35
µA
Normal operation
75
μA
DIDD
Power down
35
μA
Normal operation, VIH = IOVDD, VIL = DGND
5
μA
IOIDD
Power down, VIH = IOVDD, VIL = DGND
5
μA
Power dissipation
Normal operation
144
224
mW
TEMPERATURE RANGE
Specified performance
–40
+105
°C
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC7728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com