Electronic Components Datasheet Search
  English  ▼

X  

DAC7728 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7728
Description  Octal, 12-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7728 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7728 Datasheet HTML 12Page - Texas Instruments DAC7728 Datasheet HTML 13Page - Texas Instruments DAC7728 Datasheet HTML 14Page - Texas Instruments DAC7728 Datasheet HTML 15Page - Texas Instruments DAC7728 Datasheet HTML 16Page - Texas Instruments DAC7728 Datasheet HTML 17Page - Texas Instruments DAC7728 Datasheet HTML 18Page - Texas Instruments DAC7728 Datasheet HTML 19Page - Texas Instruments DAC7728 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
512
0
4096
3584
3072
2560
2048
1536
1024
DigitalInputCode
T
A =+25°C
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
T
A =+25°C
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
512
0
4096
3584
3072
2560
2048
1536
1024
DigitalInputCode
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
T
A =+25°C
Gain=4
512
0
4096
3584
3072
2560
2048
1536
1024
DigitalInputCode
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
T
A =+25 C
°
Gain=4
512
0
4096
3584
3072
2560
2048
1536
1024
DigitalInputCode
DAC7728
SBAS461A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: Dual-Supply
At TA = +25°C, VREF = +5V, AVDD = +16.5V, AVSS = –16.5V, and gain = 6, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 6.
Figure 7.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 8.
Figure 9.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com