| Electronic Components Datasheet Search |
|
TMS320DM6467 Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6467 Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 357 page ![]() 3.7.10 Host-Port Interface (HPI) TMS320DM6467 Digital Media System-on-Chip www.ti.com SPRS403F – DECEMBER 2007 – REVISED OCTOBER 2009 Table 3-14. HPI Terminal Functions SIGNAL TYPE(1) OTHER(2)(3) DESCRIPTION NAME NO. Host-Port Interface (HPI) HPI is enabled by the PINMUX0.HPIEN =1 (and PCIEN = 0 and ATAEN dependent for 16-/32-bit modes). For more detailed information on the HPI pin muxing, see Section 4.7.3.1, PCI, HPI, EMIFA, and ATA Pin Muxing. PCI_PERR/ IPU This pin is multiplexed between PCI, HPI, and EMIFA. HCS/ C3 I/O/Z DVDD33 In HPI mode, this pin is the HPI active-low chip select input, HCS (I). EM_DQM1 PCI_STOP/ IPU This pin is multiplexed between PCI, HPI, and EMIFA. HCNTL0/ D5 I/O/Z DVDD33 In HPI mode, this pin is the HPI control input 0, HCNTL0 (I) EM_WE PCI_DEVSEL/ IPU This pin is multiplexed between PCI, HPI, and EMIFA. HCNTL1/ B3 I/O/Z DVDD33 In HPI mode, this pin is the HPI control input 1, HCNTL1 (I). EM_BA[1] This pin is multiplexed between PCI, HPI, and EMIFA. PCI_PAR/HAS/ IPU In HPI mode, this pin is the HPI address strobe, HAS (I). D4 I/O/Z EM_DQM0 DVDD33 NOTE: The DM6467 HPI does not support the HAS feature. For proper HPI operation if the pin is routed out, it must be pulled up via an external resistor. PCI_SERR/ IPU This pin is multiplexed between PCI, HPI, and EMIFA. B2 I/O/Z HDS1/EM_OE DVDD33 In HPI mode, this pin is the HPI data strobe input 1, HDS1 (I). PCI_CBE2/ IPU This pin is multiplexed between PCI, HPI, and EMIFA. C4 I/O/Z HDS2/EM_CS2 DVDD33 In HPI mode, this pin is the HPI data strobe input 2, HDS2 (I). PCI_CBE3/ IPU This pin is multiplexed between PCI, HPI, and EMIFA. A5 I/O/Z HR/W/EM_CS3 DVDD33 In HPI mode, this pin is the HPI host read/write select input, HR/W (I). PCI_TRDY/ IPU This pin is multiplexed between PCI, HPI, and EMIFA. HHWIL/ E6 I/O/Z DVDD33 In HPI mode, this pin is the HPI half-word identification input control, HHWIL (I). EM_A[16]/(ALE) PCI_AD31/ DD15/ A8 HD31/EM_A[15] PCI_AD30/ DD14/ C9 HD30/EM_A[14] PCI_AD29/ DD13/ B8 HD29/EM_A[13] PCI_AD28/ DD12/ D9 These pins are multiplexed between PCI, ATA, HPI, and EMIFA. HD28/EM_A[12] IPD I/O/Z In HPI-32 mode, these pins are the HPI upper data bus, HD[31:16] (I/O/Z). DVDD33 PCI_AD27/ In HPI-16 mode, the HD[31:16] pins are not used by the HPI . DD11/ A6 HD27/EM_A[11] PCI_AD26/ DD10/ C8 HD26/ EM_A[10] PCI_AD25/ DD9/ B6 HD25/EM_A[9] PCI_AD24/ DD8/ D8 HD24/EM_A[8] (1) IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors. (2) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (3) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 49 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |