Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6467 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467
Description  Digital Media System-on-Chip
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320DM6467 Datasheet HTML 83Page - Texas Instruments TMS320DM6467 Datasheet HTML 84Page - Texas Instruments TMS320DM6467 Datasheet HTML 85Page - Texas Instruments TMS320DM6467 Datasheet HTML 86Page - Texas Instruments TMS320DM6467 Datasheet HTML 87Page - Texas Instruments TMS320DM6467 Datasheet HTML 88Page - Texas Instruments TMS320DM6467 Datasheet HTML 89Page - Texas Instruments TMS320DM6467 Datasheet HTML 90Page - Texas Instruments TMS320DM6467 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 357 page
background image
TMS320DM6467
Digital Media System-on-Chip
www.ti.com
SPRS403F – DECEMBER 2007 – REVISED OCTOBER 2009
Table 4-2. VDD3P3V_PWDN Register Bit Descriptions
BIT
NAME
DESCRIPTION
31:29
RESERVED
Reserved. Read returns "0".
USB_DRVVBUS Powerdown Control.
0 = I/O cells powered up.
28
USBV
1 = I/O cells powered down.
This bit controls the USB_DRVVBUS/GP[22] pin.
CLKOUT0 Powerdown Control.
27
CLKOUT
This bit controls the CLKOUT0 pin.
26
RSV
Reserved. Read returns "0".
SPI Powerdown Control.
25
SPI
This bit controls the six SPI interface pins: SPI_CLK, SPI_EN, SPI_CS0, SPI_CS1, SPI_SOMI, and
SPI_SIMO.
VLYNQ Powerdown Control.
24
VLYNQ
This bit controls the ten VLYNQ interface pins: VLYNQ_CLOCK, VLYNQ_SCRUN,
VLYNQ_TXD[3:0], and VLYNQ_RXD[3:0].
23:22
RESERVED
Reserved. Read returns "0".
GMII Powerdown Control.
21
GMII
This bit controls the ten pins used by GMII (Gigabit) only: RFTCLK, GMTCLK, MTXD[7:4], and
MRXD[7:4].
MII Powerdown Control.
20
MII
This bit controls the 17 pins used by (G)MII (10/100/1000) and MDIO interfaces: MTCLK,
MTXD[3:0], MTXEN, MCOL, MCRS, MRCLK, MRXD[3:0], MRXDV, MRXER, MDCLK, and MDIO.
McASP1 Powerdown Control.
19
MCASP1
This bit controls the three McASP1 pins: ACLKX1, AHCLKX1, and AXR1[0].
McASP0 Powerdown Control.
18
MCASP0
This bit controls the 12 McASP0 pins: ACLKR0, AHCLKR0, AFSR0, ACLKX0, AHCLKX0, AFSX0,
AXR0[3:0], AMUTE0, and AMUTEIN0.
PCI/HPI/EMIFA/ATA Powerdown Control.
This bit controls the 28 pins used by the ATA or PCI`, HPI, or EMIFA. These pins include:
PCI_RST/DA2/GP[13]/EM_A[22], PCI_IDSEL/HDDIR/EM_R/W,
PCI_REQ/DMARQ/GP[11]/EM_CS5, PCI_GNT/DMACK/GP[12]/EM_CS4,
17
PCIHPI1
PCI_CBE1/ATA_CS1/GP[32]/EM_A[19], PCI_CBE0/ATA_CS0/GP[33]/EM_A[18],
DIOW/GP[20]/EM_WAIT4/(RDY4/BSY4), IORDY/GP[21]/EM_WAIT3/(RDY3/BSY3),
DIOR/GP[19]/EM_WAIT5/(RDY5/BSY5), DA1/GP[16]/EM_A[21], DA0/GP[17]/EM_A[20],
INTRQ/GP[18]/RSV, PCI_AD[31:16]/DD[15:0]/HD[31:16]/EM_A[15:0]
Defaults to powered up for NOR boot.
PCI/HPI/EMIFA Powerdown Control.
This bit controls the 28 pins used by PCI, HPI, or EMIFA but not shared with ATA. These pins
include: PCI_CLK/GP[10], PCI_DEVSEL/HCNTL1/EM_BA[1], PCI_FRAME/HINT/EM_BA[0],
PCI_IRDY/HRDY/EM_A[17]/(CLE), PCI_TRDY/HHWIL/EM_A[16]/(ALE),
16
PCIHPI0
PCI_STOP/HCNTL0/EM_WE, PCI_SERR/HDS1/EM_OE, PCI_PERR/HCS/EM_DQM1,
PCI_PAR/HAS/EM_DQM0, PCI_INTA/EM_WAIT2/(RDY2/BSY2), PCI_CBE3/HR/W/EM_CS3,
PCI_CBE2/HDS2/EM_CS2, PCI_AD[15:0]/HD[15:0]/EM_D[15:0]
Defaults to powered up for NOR boot.
GPIO Powerdown Control.
15
GPIO
This bit controls the eight GP[7:0] pins. Defaults to powered up.
WD Timer Powerdown Control.
14
WDTIM
This bit controls the WD Timer pin TOUT2.
Timer1 Powerdown Control.
13
TIM23
This bit controls the three Timer1 pins TINP1L, TOUT1L, and TOUT1U.
Timer0 Powerdown Control.
12
TIM01
This bit controls the four Timer0 pins TINP0L, TINP0U, TOUT0L, and TOUT0U.
PWM1 Powerdown Control.
11
PWM1
This bit controls the PWM1/TS1_DOUT pin.
PWM0 Powerdown Control.
10
PWM0
This bit controls the PWM0/CRG0_PO/TS1_ENAO pin.
UART2 Flow Control Powerdown Control.
9
UR2FC
This bit controls the URTS2/UIRTX2/TS0_PSTIN/GP[41] and
UCTS2/USD2/CRG0_VCXI/GP[42]/TS1_PSTO pins.
Submit Documentation Feedback
Device Configurations
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com