Electronic Components Datasheet Search
  English  ▼

X  

CDCE706PW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PW Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCE706PW Datasheet HTML 7Page - Texas Instruments CDCE706PW Datasheet HTML 8Page - Texas Instruments CDCE706PW Datasheet HTML 9Page - Texas Instruments CDCE706PW Datasheet HTML 10Page - Texas Instruments CDCE706PW Datasheet HTML 11Page - Texas Instruments CDCE706PW Datasheet HTML 12Page - Texas Instruments CDCE706PW Datasheet HTML 13Page - Texas Instruments CDCE706PW Datasheet HTML 14Page - Texas Instruments CDCE706PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
380
400
420
fOUT − Output Frequency − MHz
G004
VCC = 3.3 V
M div = 4
N div = 15
P div = 1
VOH at VCCOUT = 3.6 V
VOH at VCCOUT = 2.3 V
VOL at VCCOUT = 2.3 V
VOL at VCCOUT = 3.6 V
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
Figure 5. Output Swing vs Output Frequency
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com