Electronic Components Datasheet Search
  English  ▼

X  

CDCE706PW Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PW Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCE706PW Datasheet HTML 24Page - Texas Instruments CDCE706PW Datasheet HTML 25Page - Texas Instruments CDCE706PW Datasheet HTML 26Page - Texas Instruments CDCE706PW Datasheet HTML 27Page - Texas Instruments CDCE706PW Datasheet HTML 28Page - Texas Instruments CDCE706PW Datasheet HTML 29Page - Texas Instruments CDCE706PW Datasheet HTML 30Page - Texas Instruments CDCE706PW Datasheet HTML 31Page - Texas Instruments CDCE706PW Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
VCCOUT − Supply Voltage − V
−1
0
1
2
3
4
5
G007
2.5
3
3.6
Multifunction Control Inputs S0 and S1
Output Switching Matrix
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
Figure 22. EMI Reduction vs VCCOUT
The CDCE706 features two user-definable input pins which can be used as external control pins or address pins.
When programmed as control pins, they can function as the clock-select pin, enable/disable pin, or device
power-down pin. If both pins are used as address bits, up to four devices can be connected to the same SMBus.
The function is set in byte 10, bits [3:0]. Table 4 shows the possible settings for the different output conditions,
clock select, and device addresses.
Table 4. Configuration Setting of Control Inputs
Configuration Bits
External Control Pins
Device Function
Byte 10,
Byte 10,
Bit [3:2]
Bit [1:0]
S1
S0
Power
S11
S10
S01
S00
Yx Outputs
Pin 2
Pin 1
(Pin 2)
(Pin 1)
Down
0
X
0
X
1
1
Active
No
Output ctrl
Output ctrl
0
0
0
X
0
1
Low/high(1)
No
Output ctrl
Output ctrl
0
1
0
X
0
1
High impedance
Outputs only
Output ctrl
Output ctrl
0
X
0
0
X
0
High impedance
PLL, inputs, and
Output ctrl
Output ctrl and pd
outputs
0
X
0
1
0
0
S10 = 0: low/high(1)
PLL only
Output ctrl
PLL and div. bypass
S10 = 1: high impedance
0
X
0
1
1
0
Active
PLL only
Output ctrl
PLL and div. bypass
0
X
1
0
0
0/1(2)
S10 = 0: Low/High(1)
No
Output ctrl
CLK_SEL
S10 = 1: high impedance
0
X
1
0
1
0/1(2)
Active
No
Output ctrl
CLK_SEL
1
1
1
1
X
X
Active
No
A1(3)
A0(3)
(1)
A noninverting output is set to low, and an inverting output is set to high.
(2)
If S0 is 0, CLK_IN0 is selected; if S0 is 1, CLK_IN1 is selected.
(3)
S0 and S1 are interpreted as address bits A0 and A1 of the slave receiver address byte.
As shown in Table 4, there is a specific order of the different output conditions: power-down mode overwrites
high-impedance state, high-impedance state overwrites low-state, and low-state overwrites active-state.
The flexible architecture of the output switch matrix allows the user to switch any of the internal clock signal
sources via a free-selectable post-divider to any of the six outputs.
As shown in Figure 23, the CDCE706 is based on two banks of switches and six post-dividers. Switch A
comprises six five-input multiplexers which select one of the four PLL clock outputs or directly select the input
clock and feed it to one of the 7-bit post-dividers (P-divider). Switch B is made up of six six-input multiplexers
which take any P-divider and feed it to one of the six outputs, Yx.
28
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com