Electronic Components Datasheet Search
  English  ▼

X  

CDCE706PW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PW Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCE706PW Datasheet HTML 8Page - Texas Instruments CDCE706PW Datasheet HTML 9Page - Texas Instruments CDCE706PW Datasheet HTML 10Page - Texas Instruments CDCE706PW Datasheet HTML 11Page - Texas Instruments CDCE706PW Datasheet HTML 12Page - Texas Instruments CDCE706PW Datasheet HTML 13Page - Texas Instruments CDCE706PW Datasheet HTML 14Page - Texas Instruments CDCE706PW Datasheet HTML 15Page - Texas Instruments CDCE706PW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
APPLICATION INFORMATION
SMBus Data Interface
Data Protocol
Slave Receiver Address (7 bits)
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
To enhance the flexibility and function of the clock synthesizer, a two-signal serial interface is provided. It follows
the SMBus specification Version 2.0, which is based on the principles of operation of I2C. More details of the
SMBus specification can be found at http://www.smbus.org.
Through the SMBus, various device functions, such as individual clock output buffers, can be individually
enabled or disabled. The registers associated with the SMBus data interface initialize to their default setting on
power up; therefore, using this interface is optional. The clock device register changes are normally made on
system initialization, if any are required.
The clock-driver serial protocol accepts byte-write, byte-read, block-write, and block-read operations from the
controller.
For block-write/read operations, the bytes must be accessed in sequential order from lowest to highest byte
(most significant bit first) with the ability to stop after any complete byte has been transferred. For byte-write and
byte-read operations, the system controller can access individually addressed bytes.
Once a byte has been sent, it is written into the internal register and becomes effective immediately after the
rising edge of the ACK bit. This applies to each transferred byte, independently of whether this is a byte-write or
a block-write sequence.
If the EEPROM write cycle is initiated, the data of the internal SMBus register is written into the EEPROM.
During EEPROM write, no data is allowed to be sent to the device via the SMBus until the programming
sequence is completed. Data, however, can be read out during the programming sequence (byte read or block
read). The programming status can be monitored by EEPIP, byte 24 bit 7.
The offset of the indexed byte is encoded in the command code, as described in Table 1.
The block-write and block-read protocol is outlined in Figure 9 and Figure 10, whereas Figure 7 and Figure 8
outline the corresponding byte-write and byte-read protocol.
A6
A5
A4
A3
A2
A1(1)
A0(1)
R/W
1
1
0
1
0
0
1
0
(1) Address bits A0 and A1 are programmable by the configuration inputs S0 and S1 (byte 10 bits [1:0] and bits [3:2]. This allows
addressing up to four devices connected to the same SMBus.
Table 1. Command Code Definition
Bits
Description
7
0 = Block-read or block-write operation
1 = Byte-read or byte-write operation
6–0
Byte offset for read and write operations
12
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com