Electronic Components Datasheet Search
  English  ▼

X  

CDCE706PWR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWR
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button CDCE706PWR Datasheet HTML 27Page - Texas Instruments CDCE706PWR Datasheet HTML 28Page - Texas Instruments CDCE706PWR Datasheet HTML 29Page - Texas Instruments CDCE706PWR Datasheet HTML 30Page - Texas Instruments CDCE706PWR Datasheet HTML 31Page - Texas Instruments CDCE706PWR Datasheet HTML 32Page - Texas Instruments CDCE706PWR Datasheet HTML 33Page - Texas Instruments CDCE706PWR Datasheet HTML 34Page - Texas Instruments CDCE706PWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Performance Data: Output Skew, Jitter, Cross-Coupling, Noise Rejection (Spur Suppression),
Output Skew
Jitter Performance
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
and Phase Noise
Skew is an important parameter for clock distribution circuits. It is defined as the time difference between outputs
that are driven by the same input clock. Table 5 shows the output skew (tsk(o)) of the CDCE706 for high-to-low
and low-to-high transitions over the entire range of supply voltages, operating temperature and output voltage
swing.
Table 5. Output Skew
PARAMETER
CONDITION
TYP
MAX
UNIT
VCCOUT = 2.5 V
130
250
ps
tsk(o)
Output skew
VCCOUT = 3.3 V
130
200
ps
Jitter is a major parameter for PLL-based clock driver circuits. This becomes important as speed increases and
timing budget decreases. The PLL and internal circuits of CDCE706 are designed for lowest jitter. The
peak-to-peak period jitter is only 60 ps (typical). Table 6 gives the peak-to-peak and rms deviation of
cycle-to-cycle jitter, period jitter and phase jitter as taken during characterization.
Table 6. Jitter Performance of CDCE706
TYP(1)
MAX(1)
PARAMETER
CONDITION
UNIT
rms
rms
Peak-Peak
Peak-Peak
(One Sigma)
(One Sigma)
fout = 50 MHz
55
–
75
–
tjit(cc)
Cycle-to-cycle jitter
fout = 133 MHz
50
–
85
–
ps
fout = 245.76 MHz
45
–
60
–
fout = 50 MHz
60
4
76
7
tjit(per)
Period jitter
fout = 133 MHz
55
5
84
11
ps
fout = 245.76 MHz
55
5
72
8
fout = 50 MHz
730
90
840
115
tjit(phase)
Phase jitter
fout = 133 MHz
930
130
1310
175
ps
fout = 245.76 MHz
720
90
930
125
(1)
All typical and maximum values are at VCC = 3.3 V, temperature = 25°C, VCCOUT = 3.3 V; one output is switching, data taken over
several 10,000 cycles.
Figure 26, Figure 27, and Figure 28 show the relationship between cycle-to-cycle jitter, period jitter, and phase
jitter over 10,000 samples. The jitter varies with a smaller or wider sample window. The cycle-to-cycle jitter and
period jitter show the measured value, whereas the phase jitter is the accumulated period jitter.
Cycle-to-Cycle jitter (tjit(cc)) is the variation in cycle time of a clock signal between adjacent cycles, over a random
sample of adjacent cycle pairs. Cycle-to-cycle jitter is never greater than the period jitter. It is also known as
adjacent-cycle jitter.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com