Electronic Components Datasheet Search
  English  ▼

X  

CDCE706PWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWR
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCE706PWR Datasheet HTML 10Page - Texas Instruments CDCE706PWR Datasheet HTML 11Page - Texas Instruments CDCE706PWR Datasheet HTML 12Page - Texas Instruments CDCE706PWR Datasheet HTML 13Page - Texas Instruments CDCE706PWR Datasheet HTML 14Page - Texas Instruments CDCE706PWR Datasheet HTML 15Page - Texas Instruments CDCE706PWR Datasheet HTML 16Page - Texas Instruments CDCE706PWR Datasheet HTML 17Page - Texas Instruments CDCE706PWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
T0131-01
P
S
P
t
(BUS)
t
su(SDATA)
t
h(SDATA)
t
r(SDATA)
t
f(SDATA)
SCLK
SDATA
V
IH(SM)
V
IH(SM)
V
IL(SM)
V
IL(SM)
A
Bit7(MSB)
Bit6
Bit0(LSB)
t
su(START)
t
h(START)
t
w(SCLL)
t
w(SCLH)
t
r(SM)
t
su(STOP)
t
f(SM)
SMBus Hardware Interface
9
10
SDATA
SCLK
SMBHost
CDCE706
C
BUS
C
BUS
R
P
R
P
S0376-01
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
Block-Read Programming Sequence
1
7
1
1
8
1
1
7
1
1
S
Slave Address
Wr
A
CommandCode
A
Sr
Slave Address
Rd
A
8
1
8
1
8
1
1
Byte Count N
A
Data Byte 0
A
- - - - -
Data Byte N – 1
NA
P
Figure 10. Block-Read Protocol
Figure 11. Timing Diagram, Serial Control Interface
Figure 12 shows how the CDCE706 clock synthesizer is connected to the SMBus. Note that the current through
the pullup resistors (Rp) must meet the SMBus specifications (minimum 100 µA, maximum 350 µA). If the
CDCE706 is not connected to the SMBus, the SDATA and SCLK inputs must be connected with 10-k
Ω resistors
to VCC to avoid floating input conditions.
Figure 12. SMBus Hardware Interface
14
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com