Electronic Components Datasheet Search
  English  ▼

X  

CDCE706PWR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWR
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button CDCE706PWR Datasheet HTML 21Page - Texas Instruments CDCE706PWR Datasheet HTML 22Page - Texas Instruments CDCE706PWR Datasheet HTML 23Page - Texas Instruments CDCE706PWR Datasheet HTML 24Page - Texas Instruments CDCE706PWR Datasheet HTML 25Page - Texas Instruments CDCE706PWR Datasheet HTML 26Page - Texas Instruments CDCE706PWR Datasheet HTML 27Page - Texas Instruments CDCE706PWR Datasheet HTML 28Page - Texas Instruments CDCE706PWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Spread-Spectrum Clocking and EMI Reduction
CDCE706
www.ti.com ........................................................................................................................................... SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008
Divider M and divider N operate internally as a fractional divider for fVCO up to 250 MHz. This allows a fractional
divider ratio for zero-ppm output clock error.
In the case of fVCO > 250 MHz, it is recommended that only integer factors of N/M are used.
For optimized jitter performance, keep divider M as small as possible. Also, the fractional divider concept
requires a PLL divider configuration, M
≤ N (or N/M ≥ 1).
Additionally, each PLL supports two bypass options:
• PLL bypass
• VCO bypass
In PLL bypass mode, the PLL is completely bypassed, so that the input clock is switched directly to output
switch A (SWAPxx of bytes 9 to 12). In the VCO bypass mode, only the VCO of the PLL is bypassed by setting
PLLxMUX to 1 (bits [7:5] of byte 3). But divider M still is useable and expands the output divider by an additional
9 bits. This gives a total divider range of M × P = 511 × 127 = 64,897. In VCO bypass mode, the PLL block is
powered down and minimizes current consumption.
Table 3. Example for Divide, Multiplication, and Bypass Operation
fIN
fOUT-desired
fOUT-actual
Divider
Function
Equation(1)
fVCO [MHz]
[MHz]
[MHz]
[MHz]
M
N
P
N/M
Fractional(2)
fOUT = fIN × (N/M)/P
30.72
155.52
155.52
16
81
1
5.0625
155.52
Integer factor(3)
fOUT = fIN × (N/M)/P
27
270
270
1
10
1
10
270
VCO bypass
fOUT = fIN/(M × P)
30.72
0.06
0.06
8
—
64
—
—
(1)
P-divider of output-switch matrix is included in the calculation.
(2)
Fractional operation for fVCO ≤ 250 MHz
(3)
Integer operation for fVCO > 250 MHz
In addition to the basic PLL function, PLL2 supports spread-spectrum clocking (SSC). Thus, PLL 2 features two
outputs, an SSC output and a non-SSC output. Both outputs can be used in parallel. The mean phase of the
center-spread, SSC-modulated signal is equal to the phase of the nonmodulated input frequency. SSC is
selected by output switch A (SWAPxx of bytes 9 to 12).
SSC also is bypassable (byte 25, bits [6:4]) by powering down the SSC output and setting it to the logic-low
state. The non-SSC output of PLL2 is not affected by this mode and can still be used.
SSC is an effective method to reduce electromagnetic interference (EMI) noise in high-speed applications. It
reduces the RF energy peak of the clock signal by modulating the frequency and spreads the energy of the
signal to a broader frequency range. Because the energy of the clock signal remains constant, a varying
frequency that broadens the overtones necessarily lowers their amplitudes. Figure 19 shows the effect of SSC on
a 54-MHz clock signal for DSP.
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com