Electronic Components Datasheet Search
  English  ▼

X  

CDCEL913 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCEL913
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCEL913 Datasheet(HTML) 5 Page - Texas Instruments

  CDCEL913 Datasheet HTML 1Page - Texas Instruments CDCEL913 Datasheet HTML 2Page - Texas Instruments CDCEL913 Datasheet HTML 3Page - Texas Instruments CDCEL913 Datasheet HTML 4Page - Texas Instruments CDCEL913 Datasheet HTML 5Page - Texas Instruments CDCEL913 Datasheet HTML 6Page - Texas Instruments CDCEL913 Datasheet HTML 7Page - Texas Instruments CDCEL913 Datasheet HTML 8Page - Texas Instruments CDCEL913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
CDCE913
CDCEL913
www.ti.com
SCAS849E – JUNE 2007 – REVISED MARCH 2010
TIMING REQUIREMENTS
over recommended ranges of supply voltage, load, and operating free-air temperature
MIN
NOM
MAX
UNIT
CLK_IN REQUIREMENTS
PLL bypass mode
0
160
fCLK
LVCMOS clock input frequency
MHz
PLL mode
8
160
tr / tf
Rise and fall time CLK signal (20% to 80%)
3
ns
Duty cycle CLK at VDD/2
40%
60%
STANDARD
FAST
MODE
MODE
UNIT
MIN
MAX
MIN
MAX
SDA/SCL TIMING REQUIREMENTS (see Figure 12)
fSCL
SCL clock frequency
0
100
0
400
kHz
tsu(START)
START setup time (SCL high before SDA low)
4.7
0.6
ms
th(START)
START hold time (SCL low after SDA low)
4
0.6
ms
tw(SCLL)
SCL low-pulse duration
4.7
1.3
ms
tw(SCLH)
SCL high-pulse duration
4
0.6
ms
th(SDA)
SDA hold time (SDA valid after SCL low)
0
3.45
0
0.9
ms
tsu(SDA)
SDA setup time
250
100
ns
tr
SCL/SDA input rise time
1000
300
ns
tf
SCL/SDA input fall time
300
300
ns
tsu(STOP)
STOP setup time
4
0.6
ms
tBUS
Bus free time between a STOP and START condition
4.7
1.3
ms
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com