Electronic Components Datasheet Search
  English  ▼

X  

CDCEL913 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCEL913
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCEL913 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCEL913 Datasheet HTML 4Page - Texas Instruments CDCEL913 Datasheet HTML 5Page - Texas Instruments CDCEL913 Datasheet HTML 6Page - Texas Instruments CDCEL913 Datasheet HTML 7Page - Texas Instruments CDCEL913 Datasheet HTML 8Page - Texas Instruments CDCEL913 Datasheet HTML 9Page - Texas Instruments CDCEL913 Datasheet HTML 10Page - Texas Instruments CDCEL913 Datasheet HTML 11Page - Texas Instruments CDCEL913 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
V
=1.8V,
V
=3.3V,
noload
DD
DDOUT
0
2
4
6
8
10
12
14
16
10
30
50 70
90 110 130 150 170 190 210 230
f
-OutputFrequency-MHz
OUT
allOutputsoff
3Outputson
1Outputon
0
5
10
15
20
25
30
10
60
110
160
210
f
-Frequency-MHz
VCO
1PLL on
allPLL off
V
=1.8V
DD
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
10 30 50
70
90 110 130 150 170 190 210 230
V
=1.8V,
V
=1.8V,
noload
DD
DDOUT
f
-OutputFrequency-MHz
OUT
allOutputsoff
3Outputson
1Outputon
CDCE913
CDCEL913
SCAS849E – JUNE 2007 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS
CDCE913, CDCEL913
CDCE913
SUPPLY CURRENT
OUTPUT CURRENT
vs
vs
PLL FREQUENCY
OUTPUT FREQUENCY
Figure 3.
Figure 4.
CDCEL913
OUTPUT CURRENT
vs
OUTPUT FREQUENCY
Figure 5.
8
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE913 CDCEL913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com