Electronic Components Datasheet Search
  English  ▼

X  

CDCEL913 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCEL913
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCEL913 Datasheet(HTML) 1 Page - Texas Instruments

  CDCEL913 Datasheet HTML 1Page - Texas Instruments CDCEL913 Datasheet HTML 2Page - Texas Instruments CDCEL913 Datasheet HTML 3Page - Texas Instruments CDCEL913 Datasheet HTML 4Page - Texas Instruments CDCEL913 Datasheet HTML 5Page - Texas Instruments CDCEL913 Datasheet HTML 6Page - Texas Instruments CDCEL913 Datasheet HTML 7Page - Texas Instruments CDCEL913 Datasheet HTML 8Page - Texas Instruments CDCEL913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Xin/CLK 1
14
Xout
S0 2
13
S1/SDA
VDD 3
12
S2/SCL
Vctr 4
11
Y1
GND 5
10
GND
VDDOUT 6
9
Y2
7
8
Y3
VCXO
XO
LVCMOS
LV
CMOS
LV
CMOS
PLL
withSSC
LV
CMOS
Divider
and
Output
Control
3
EEPROM
Programming
and
ControlRegister
Vctr
S2/S1/S0or
SDA/SCL
VDD
GND
VDDOUT
Y1
Y2
Y3
VDDOUT
CDCE913
CDCEL913
www.ti.com
SCAS849E – JUNE 2007 – REVISED MARCH 2010
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
Check for Samples: CDCE913, CDCEL913
1
FEATURES
–
CDCEL913: 1.8 V
2345
• Member of Programmable Clock Generator
•
Flexible Clock Driver
Family
–
Three User-Definable Control Inputs
–
CDCE913/CDCEL913: 1-PLL, 3 Outputs
[S0/S1/S2], for example., SSC Selection,
Frequency Switching, Output Enable, or
–
CDCE925/CDCEL925: 2-PLL, 5 Outputs
Power Down
–
CDCE937/CDCEL937: 3-PLL, 7 Outputs
–
Generates Highly Accurate Clocks for
–
CDCE949/CDCEL949: 4-PLL, 9 Outputs
Video, Audio, USB, IEEE1394, RFID,
•
In-System Programmability and EEPROM
Bluetooth™, WLAN, Ethernet™, and GPS
–
Serial Programmable Volatile Register
–
Generates Common Clock Frequencies
–
Nonvolatile EEPROM to Store Customer
Used With TI- DaVinci™, OMAP™, DSPs
Setting
–
Programmable SSC Modulation
•
Flexible Input Clocking Concept
–
Enables 0-PPM Clock Generation
–
External Crystal: 8 MHz to 32 MHz
•
1.8-V Device Power Supply
–
On-Chip VCXO: Pull Range ±150 ppm
•
Wide Temperature Range –40° C to 85° C
–
Single-Ended LVCMOS up to 160 MHz
•
Packaged in TSSOP
•
Free Selectable Output Frequency up to
•
Development and Programming Kit for Easy
230 MHz
PLL Design and Programming (TI Pro-Clock™)
•
Low-Noise PLL Core
–
PLL Loop Filter Components Integrated
APPLICATIONS
•
D-TV, STB, IP-STB, DVD-Player, DVD-Recorder,
–
Low Period Jitter (Typical 50 ps)
Printer
•
Separate Output Supply Pins
–
CDCE913: 3.3 V and 2.5 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DaVinci, OMAP, Pro-Clock are trademarks of Texas Instruments.
3
Bluetooth is a trademark of Bluetooth SIG.
4
I2C is a trademark of Philips Electronics.
5
Ethernet is a trademark of Xerox Corporattion.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCEL913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCEL913 TI-CDCEL913 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913 TI-CDCEL913 Datasheet
515Kb / 23P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913 TI1-CDCEL913 Datasheet
681Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
More results

Similar Description - CDCEL913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com