Electronic Components Datasheet Search
  English  ▼

X  

ADS62P49 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P49
Description  Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P49 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS62P49 Datasheet HTML 35Page - Texas Instruments ADS62P49 Datasheet HTML 36Page - Texas Instruments ADS62P49 Datasheet HTML 37Page - Texas Instruments ADS62P49 Datasheet HTML 38Page - Texas Instruments ADS62P49 Datasheet HTML 39Page - Texas Instruments ADS62P49 Datasheet HTML 40Page - Texas Instruments ADS62P49 Datasheet HTML 41Page - Texas Instruments ADS62P49 Datasheet HTML 42Page - Texas Instruments ADS62P49 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
TYPICAL CHARACTERISTICS – ADS62P48
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
20
40
60
80
100
G018
SFDR = 84.1 dBc
SINAD = 73.1 dBFS
SNR = 73.4 dBFS
THD = 83.5 dBc
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
20
40
60
80
100
G019
SFDR = 77.4 dBc
SINAD = 70.1 dBFS
SNR = 70.9 dBFS
THD = 77 dBc
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
20
40
60
80
100
G020
SFDR = 70.1 dBc
SINAD = 66 dBFS
SNR = 68.8 dBFS
THD = 68.2 dBc
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
20
40
60
80
100
G021
fIN1 = 185 MHz, –7 dBFS
fIN2 = 190 MHz, –7 dBFS
2-Tone IMD = –84.7 dBFS
SFDR = –97.2 dBc
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
20
40
60
80
100
G022
fIN1 = 185 MHz, –36 dBFS
fIN2 = 190 MHz, –36 dBFS
2-Tone IMD = –107.1 dBFS
SFDR = –98.8 dBc
fIN − Input Frequency − MHz
68
72
76
80
84
88
92
0
50
100
150
200
250
300
350
400
450
500
G023
ADS62P49 / ADS62P29
ADS62P48 / ADS62P28
www.ti.com............................................................................................................................................................. SLAS635A – APRIL 2009 – REVISED JUNE 2009
All plots are at 25°C, AVDD = 3.3 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock. 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain,
LVDS output interface, 32K point FFT (unless otherwise noted)
FFT FOR 20 MHz INPUT SIGNAL
FFT FOR 170 MHz INPUT SIGNAL
Figure 32.
Figure 33.
FFT FOR 300 MHz INPUT SIGNAL
FFT FOR 2-TONE INPUT SIGNAL
Figure 34.
Figure 35.
FFT FOR 2-TONE INPUT SIGNAL
SFDR vs INPUT FREQUENCY
Figure 36.
Figure 37.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS62P49 / ADS62P29 ADS62P48 / ADS62P28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com