Electronic Components Datasheet Search
  English  ▼

X  

ADS62P49 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P49
Description  Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS62P49 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS62P49 Datasheet HTML 17Page - Texas Instruments ADS62P49 Datasheet HTML 18Page - Texas Instruments ADS62P49 Datasheet HTML 19Page - Texas Instruments ADS62P49 Datasheet HTML 20Page - Texas Instruments ADS62P49 Datasheet HTML 21Page - Texas Instruments ADS62P49 Datasheet HTML 22Page - Texas Instruments ADS62P49 Datasheet HTML 23Page - Texas Instruments ADS62P49 Datasheet HTML 24Page - Texas Instruments ADS62P49 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
DESCRIPTION OF SERIAL REGISTERS
ADS62P49 / ADS62P29
ADS62P48 / ADS62P28
www.ti.com............................................................................................................................................................. SLAS635A – APRIL 2009 – REVISED JUNE 2009
A7–A0 IN HEX
D7
D6
D5
D4
D3
D2
D1
D0
00
<RESET>
0
0
0
0
0
<SERIAL READOUT>
Software Reset
D7
<RESET>
1 Software reset applied – resets all internal registers and self-clears to 0.
D0
<SERIAL READOUT>
0 Serial readout disabled. SDOUT is forced low by the device (and not put in high impedance state).
1 Serial readout enabled, Pin SDOUT functions as serial data readout.
A7–A0 IN HEX
D7
D6
D5
D4
D3
D2
D1
D0
20
0
0
0
0
0
<ENABLE LOW SPEED MODE>
0
0
D2
<ENABLE LOW SPEED MODE>
0
LOW SPEED mode disabled. Use for sampling frequency > 100 MSPS
1
Enable LOW SPEED mode for sampling frequencies
≤ 100 MSPS.
A7–A0 IN HEX
D7
D6
D5
D4
D3
D2
D1
D0
3F
0
<REF>
0
0
0
<STANDBY>
0
D6-D5
<REF> Internal or external reference selection
01 Internal reference enabled
11 External reference enabled
D1
<STANDBY>
0
Normal operation
1
Both ADC channels are put in standby. Internal references, output buffers are active. This results in
quick wake-up time from standby.
A7–A0 IN HEX
D7
D6
D5
D4
D3
D2
D1
D0
40
0
0
0
0
POWER DOWN MODES
D3-D0
<POWER DOWN MODES>
0000
Pins CTRL1, CTRL2, and CTRL3 determine power down modes.
1000
Normal operation
1001
Output buffer disabled for channel B
1010
Output buffer disabled for channel A
1011
Output buffer disabled for channel A and B
1100
Global power down
1101
Channel B standby
1110
Channel A standby
1111
Multiplexed mode, MUX- (only with CMOS interface)
Channel A and B data is multiplexed and output on DA13 to DA0 pins.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS62P49 / ADS62P29 ADS62P48 / ADS62P28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com