Electronic Components Datasheet Search
  English  ▼

X  

TL5209 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL5209
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209 Datasheet(HTML) 1 Page - Texas Instruments

  TL5209 Datasheet HTML 1Page - Texas Instruments TL5209 Datasheet HTML 2Page - Texas Instruments TL5209 Datasheet HTML 3Page - Texas Instruments TL5209 Datasheet HTML 4Page - Texas Instruments TL5209 Datasheet HTML 5Page - Texas Instruments TL5209 Datasheet HTML 6Page - Texas Instruments TL5209 Datasheet HTML 7Page - Texas Instruments TL5209 Datasheet HTML 8Page - Texas Instruments TL5209 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
1
8
GND
EN
2
7
GND
IN
3
6
GND
OUT
4
5
GND
ADJ/BYP
D PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581A – SEPTEMBER 2006 – REVISED MAY 2007
• Adjustable Output Voltage
• Current Limiting and Thermal Protection
• 1%/2% Accuracy (25°C/Full Range)
• Stable With Minimum Load of 1 mA
• 500-mV (Max) Dropout at Full Load of 500 mA
• Reverse-Battery Protection
• Extremely Tight Regulation Over Temperature
• Applications
Range
–
Portable Applications (PDAs, Laptops,
–
0.1%/V (Max) Line Regulation
Cell Phones)
–
0.7% (Max) Load Regulation
–
Consumer Electronics
• Ultra-Low Noise Capability (300 nV/√Hz Typ)
–
Post-Regulation for SMPS
• Shutdown Current of 3 µA (Max)
• Available in Convenient SOIC-8
Surface-Mount Package
• Low Temperature Coefficient
The TL5209 is an efficient PNP low-dropout (LDO) regulator that is well suited for portable applications. It has
significantly lower quiescent current than previously was available from traditional PNP regulators and allows for
a shutdown current of only 0.05
µA (typical). The TL5209 also has very good dropout voltage characteristics,
requiring a maximum dropout of 60 mV at light loads and 500 mV at full load. In addition, the LDO also has 1%
output voltage accuracy and extremely tight line and load regulation that is hard to match by its CMOS
counterparts.
For noise-sensitive applications, the TL5209 allows for low-noise capability via an external bypass capacitor
connected to the BYP pin, which reduces the output noise of the regulator. Other features include current
limiting, thermal shutdown, reverse-battery protection, and low temperature coefficient.
The TL5209 is available with adjustable output. Offered in an SOIC-8 surface-mount package, the TL5209 is
characterized for operation over the virtual junction temperature ranges of –40
°C to 125°C.
ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 125°C
SOIC – D
Reel of 2000
TL5209DR
TL5209
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL5209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5209 TI-TL5209 Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI2-TL5209 Datasheet
740Kb / 24P
TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
REVISED JUNE 2015
TL5209-18 TI-TL5209-18 Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18DCYR TI-TL5209-18DCYR Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18DR TI-TL5209-18DR Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
More results

Similar Description - TL5209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985 Datasheet
781Kb / 24P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209 Datasheet
371Kb / 22P
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
150-mA Low-noise Low-dropout Regulator With Shutdown
TL5209 TI-TL5209_15 Datasheet
816Kb / 23P
TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com