Electronic Components Datasheet Search
  English  ▼

X  

TL5209 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL5209
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL5209 Datasheet HTML 5Page - Texas Instruments TL5209 Datasheet HTML 6Page - Texas Instruments TL5209 Datasheet HTML 7Page - Texas Instruments TL5209 Datasheet HTML 8Page - Texas Instruments TL5209 Datasheet HTML 9Page - Texas Instruments TL5209 Datasheet HTML 10Page - Texas Instruments TL5209 Datasheet HTML 11Page - Texas Instruments TL5209 Datasheet HTML 12Page - Texas Instruments TL5209 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
0
2
4
6
8
10
12
14
16
18
20
0
50
100 150 200 250 300 350 400 450 500
IL – Load Current – mA
VIN = 3.5 V
COUT = 4.7 µF
CIN = 1 µF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
1
2
3
4
5
6
7
8
VCC – Supply Voltage – V
IL = 100 mA
IL = 1 mA
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
VCC – Supply Voltage – V
IL = 500 mA
2.47
2.48
2.49
2.50
2.51
2.52
2.53
0
50 100 150 200 250 300 350 400 450 500
IL – Load Current – mA
VIN = 3.5 V
COUT = 4.7 µF
IL = 1 mA to 500 mA
TA = 25°C
TA = 125°C
TA = -40°C
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581A – SEPTEMBER 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
GROUND CURRENT
GROUND CURRENT
vs
vs
LOAD CURRENT
SUPPLY VOLTAGE
GROUND CURRENT
OUTPUT VOLTAGE
vs
vs
SUPPLY VOLTAGE
LOAD CURRENT
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com