Electronic Components Datasheet Search
  English  ▼

X  

TL5209 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL5209
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209 Datasheet(HTML) 3 Page - Texas Instruments

  TL5209 Datasheet HTML 1Page - Texas Instruments TL5209 Datasheet HTML 2Page - Texas Instruments TL5209 Datasheet HTML 3Page - Texas Instruments TL5209 Datasheet HTML 4Page - Texas Instruments TL5209 Datasheet HTML 5Page - Texas Instruments TL5209 Datasheet HTML 6Page - Texas Instruments TL5209 Datasheet HTML 7Page - Texas Instruments TL5209 Datasheet HTML 8Page - Texas Instruments TL5209 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
Recommended Operating Conditions
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581A – SEPTEMBER 2006 – REVISED MAY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
Continuous input voltage range
–20
20
V
VO
Output voltage
7.5
V
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JA
θ
JC
SOIC (D)
High K, JESD 51-7
97
°C/W
39
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
MIN
MAX
UNIT
VI
Input voltage
2.5
16
V
VO
Output voltage
6.5
V
VEN
Enable input voltage
0
VI
V
TJ
Operating junction temperature range
–40
125
°C
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com