Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 104 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 104 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 100Page - Altera Corporation EP3SL50 Datasheet HTML 101Page - Altera Corporation EP3SL50 Datasheet HTML 102Page - Altera Corporation EP3SL50 Datasheet HTML 103Page - Altera Corporation EP3SL50 Datasheet HTML 104Page - Altera Corporation EP3SL50 Datasheet HTML 105Page - Altera Corporation EP3SL50 Datasheet HTML 106Page - Altera Corporation EP3SL50 Datasheet HTML 107Page - Altera Corporation EP3SL50 Datasheet HTML 108Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 341 page
background image
1–94
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
GCLK
t
su
-0.943
-0.943
-1.381 -1.502 -1.698 -1.643 -1.996 -1.502 -1.698 -1.643
-1.996
ns
t
h
1.081
1.081
1.572
1.717
1.934
1.866
2.221
1.717
1.934
1.866
2.221
ns
GCLK
PLL
t
su
-1.262
-1.202
-1.752 -1.990 -2.226 -2.151 -2.486 -1.990 -2.226 -2.151
-2.486
ns
t
h
1.542
1.488
2.164
2.444
2.726
2.626
2.987
2.444
2.726
2.626
2.987
ns
1.5 V
GCLK
t
su
-0.933
-0.933
-1.358 -1.470 -1.628 -1.573 -1.926 -1.470 -1.628 -1.573
-1.926
ns
t
h
1.071
1.071
1.549
1.685
1.864
1.796
2.151
1.685
1.864
1.796
2.151
ns
GCLK
PLL
t
su
-1.252
-1.192
-1.729 -1.958 -2.156 -2.081 -2.416 -1.958 -2.156 -2.081
-2.416
ns
t
h
1.532
1.478
2.141
2.412
2.656
2.556
2.917
2.412
2.656
2.556
2.917
ns
1.2 V
GCLK
t
su
-0.881
-0.881
-1.281 -1.371 -1.472 -1.417 -1.770 -1.371 -1.472 -1.417
-1.770
ns
t
h
1.019
1.019
1.472
1.586
1.708
1.640
1.995
1.586
1.708
1.640
1.995
ns
GCLK
PLL
t
su
-1.200
-1.140
-1.652 -1.859 -2.000 -1.925 -2.260 -1.859 -2.000 -1.925
-2.260
ns
t
h
1.480
1.426
2.064
2.313
2.500
2.400
2.761
2.313
2.500
2.400
2.761
ns
SSTL-2
CLASS I
GCLK
t
su
-0.852
-0.852
-1.253 -1.355 -1.474 -1.419 -1.772 -1.355 -1.474 -1.419
-1.772
ns
t
h
0.990
0.990
1.444
1.570
1.710
1.642
1.997
1.570
1.710
1.642
1.997
ns
GCLK
PLL
t
su
-1.171
-1.111
-1.624 -1.843 -2.002 -1.927 -2.262 -1.843 -2.002 -1.927
-2.262
ns
t
h
1.451
1.397
2.036
2.297
2.502
2.402
2.763
2.297
2.502
2.402
2.763
ns
SSTL-2
CLASS II
GCLK
t
su
-0.852
-0.852
-1.253 -1.355 -1.474 -1.419 -1.772 -1.355 -1.474 -1.419
-1.772
ns
t
h
0.990
0.990
1.444
1.570
1.710
1.642
1.997
1.570
1.710
1.642
1.997
ns
GCLK
PLL
t
su
-1.171
-1.111
-1.624 -1.843 -2.002 -1.927 -2.262 -1.843 -2.002 -1.927
-2.262
ns
t
h
1.451
1.397
2.036
2.297
2.502
2.402
2.763
2.297
2.502
2.402
2.763
ns
SSTL-18
CLASS I
GCLK
t
su
-0.846
-0.846
-1.241 -1.350 -1.474 -1.417 -1.773 -1.350 -1.474 -1.417
-1.773
ns
t
h
0.984
0.984
1.431
1.562
1.707
1.639
1.993
1.562
1.707
1.639
1.993
ns
GCLK
PLL
t
su
-1.165
-1.105
-1.612 -1.835 -1.999 -1.922 -2.263 -1.835 -1.999 -1.922
-2.263
ns
t
h
1.445
1.391
2.023
2.286
2.496
2.396
2.759
2.286
2.496
2.396
2.759
ns
SSTL-18
CLASS II
GCLK
t
su
-0.846
-0.846
-1.241 -1.350 -1.474 -1.417 -1.773 -1.350 -1.474 -1.417
-1.773
ns
t
h
0.984
0.984
1.431
1.562
1.707
1.639
1.993
1.562
1.707
1.639
1.993
ns
GCLK
PLL
t
su
-1.165
-1.105
-1.612 -1.835 -1.999 -1.922 -2.263 -1.835 -1.999 -1.922
-2.263
ns
t
h
1.445
1.391
2.023
2.286
2.496
2.396
2.759
2.286
2.496
2.396
2.759
ns
SSTL-15
CLASS I
GCLK
t
su
-0.835
-0.835
-1.232 -1.339 -1.455 -1.398 -1.754 -1.339 -1.455 -1.398
-1.754
ns
t
h
0.973
0.973
1.421
1.551
1.688
1.620
1.974
1.551
1.688
1.620
1.974
ns
GCLK
PLL
t
su
-1.154
-1.094
-1.603 -1.824 -1.980 -1.903 -2.244 -1.824 -1.980 -1.903
-2.244
ns
t
h
1.434
1.380
2.013
2.275
2.477
2.377
2.740
2.275
2.477
2.377
2.740
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-0.835
-0.835
-1.232 -1.339 -1.455 -1.398 -1.754 -1.339 -1.455 -1.398
-1.754
ns
t
h
0.973
0.973
1.421
1.551
1.688
1.620
1.974
1.551
1.688
1.620
1.974
ns
GCLK
PLL
t
su
-1.154
-1.094
-1.603 -1.824 -1.980 -1.903 -2.244 -1.824 -1.980 -1.903
-2.244
ns
t
h
1.434
1.380
2.013
2.275
2.477
2.377
2.740
2.275
2.477
2.377
2.740
ns
Table 1–61. EP3SL110 Column Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com