Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 108 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 108 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 104Page - Altera Corporation EP3SL50 Datasheet HTML 105Page - Altera Corporation EP3SL50 Datasheet HTML 106Page - Altera Corporation EP3SL50 Datasheet HTML 107Page - Altera Corporation EP3SL50 Datasheet HTML 108Page - Altera Corporation EP3SL50 Datasheet HTML 109Page - Altera Corporation EP3SL50 Datasheet HTML 110Page - Altera Corporation EP3SL50 Datasheet HTML 111Page - Altera Corporation EP3SL50 Datasheet HTML 112Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 341 page
background image
1–98
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–63 lists the EP3SL110 column pins output timing parameters for single-ended
I/O standards.
1.2-V HSTL
CLASS I
GCLK
t
su
-0.754
-0.795
-1.135 -1.224 -1.312 -1.266 -1.596 -1.226 -1.310 -1.267 -1.639
ns
t
h
0.871
0.928
1.324
1.432
1.542
1.485
1.815
1.443
1.550
1.496
1.858
ns
GCLK
PLL
t
su
1.087
1.100
1.765
1.995
2.226
2.111
2.053
2.008
2.242
2.125
2.100
ns
t
h
-0.835
-0.832
-1.364 -1.547 -1.727 -1.640 -1.575 -1.551 -1.733 -1.644 -1.619
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-0.754
-0.795
-1.135 -1.224 -1.312 -1.266 -1.596 -1.226 -1.310 -1.267 -1.639
ns
t
h
0.871
0.928
1.324
1.432
1.542
1.485
1.815
1.443
1.550
1.496
1.858
ns
GCLK
PLL
t
su
1.087
1.100
1.765
1.995
2.226
2.111
2.053
2.008
2.242
2.125
2.100
ns
t
h
-0.835
-0.832
-1.364 -1.547 -1.727 -1.640 -1.575 -1.551 -1.733 -1.644 -1.619
ns
3.0-V PCI
GCLK
t
su
-0.916
-0.894
-1.249 -1.442 -1.562 -1.607 -1.846 -1.464 -1.556 -1.610 -1.886
ns
t
h
1.031
1.026
1.437
1.649
1.795
1.825
2.069
1.681
1.799
1.836
2.109
ns
GCLK
PLL
t
su
0.986
1.002
1.649
1.861
1.973
1.857
1.801
1.871
1.993
1.875
1.851
ns
t
h
-0.735
-0.735
-1.249 -1.411 -1.472 -1.385 -1.319 -1.412 -1.481 -1.393 -1.366
ns
3.0-V
PCI-X
GCLK
t
su
-0.916
-0.894
-1.249 -1.442 -1.562 -1.607 -1.846 -1.464 -1.556 -1.610 -1.886
ns
t
h
1.031
1.026
1.437
1.649
1.795
1.825
2.069
1.681
1.799
1.836
2.109
ns
GCLK
PLL
t
su
0.986
1.002
1.649
1.861
1.973
1.857
1.801
1.871
1.993
1.875
1.851
ns
t
h
-0.735
-0.735
-1.249 -1.411 -1.472 -1.385 -1.319 -1.412 -1.481 -1.393 -1.366
ns
Table 1–62. EP3SL110 Row Pins Input Timing Parameters (Part 3 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–63. EP3SL110 Column Pins Output Timing Parameters (Part 1 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
tco
3.439
3.439
4.768
5.145
5.638
5.507
5.801
5.145
5.638
5.507
5.801
ns
GCLK
PLL
t
co
3.829
3.829
5.344
5.778
6.326
6.168
6.550
5.778
6.326
6.168
6.550
ns
8mA
GCLK
tco
3.372
3.372
4.659
5.034
5.525
5.394
5.688
5.034
5.525
5.394
5.688
ns
GCLK
PLL
t
co
3.762
3.762
5.235
5.667
6.213
6.055
6.437
5.667
6.213
6.055
6.437
ns
12mA
GCLK
t
co
3.286
3.286
4.556
4.936
5.433
5.302
5.596
4.936
5.433
5.302
5.596
ns
GCLK
PLL
t
co
3.676
3.676
5.131
5.568
6.121
5.963
6.345
5.568
6.121
5.963
6.345
ns
16mA
GCLK
t
co
3.279
3.279
4.539
4.908
5.392
5.261
5.555
4.908
5.392
5.261
5.555
ns
GCLK
PLL
t
co
3.669
3.669
5.114
5.540
6.080
5.922
6.304
5.540
6.080
5.922
6.304
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com