Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 110 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 110 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 106Page - Altera Corporation EP3SL50 Datasheet HTML 107Page - Altera Corporation EP3SL50 Datasheet HTML 108Page - Altera Corporation EP3SL50 Datasheet HTML 109Page - Altera Corporation EP3SL50 Datasheet HTML 110Page - Altera Corporation EP3SL50 Datasheet HTML 111Page - Altera Corporation EP3SL50 Datasheet HTML 112Page - Altera Corporation EP3SL50 Datasheet HTML 113Page - Altera Corporation EP3SL50 Datasheet HTML 114Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 341 page
background image
1–100
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
2.5 V
4mA
GCLK
tco
3.439
3.439
4.846
5.240
5.749
5.619
5.912
5.240
5.749
5.619
5.912
ns
GCLK
PLL
t
co
3.829
3.829
5.422
5.873
6.438
6.281
6.661
5.873
6.438
6.281
6.661
ns
8mA
GCLK
tco
3.339
3.339
4.727
5.114
5.617
5.487
5.779
5.114
5.617
5.487
5.779
ns
GCLK
PLL
t
co
3.729
3.729
5.303
5.747
6.306
6.149
6.529
5.747
6.306
6.149
6.529
ns
12mA
GCLK
t
co
3.295
3.295
4.640
5.024
5.522
5.391
5.685
5.024
5.522
5.391
5.685
ns
GCLK
PLL
t
co
3.685
3.685
5.216
5.656
6.210
6.052
6.434
5.656
6.210
6.052
6.434
ns
16mA
GCLK
t
co
3.257
3.257
4.601
4.981
5.479
5.348
5.642
4.981
5.479
5.348
5.642
ns
GCLK
PLL
t
co
3.647
3.647
5.177
5.614
6.167
6.009
6.391
5.614
6.167
6.009
6.391
ns
1.8 V
2mA
GCLK
t
co
3.630
3.630
5.168
5.600
6.154
6.023
6.317
5.600
6.154
6.023
6.317
ns
GCLK
PLL
t
co
4.020
4.020
5.743
6.233
6.842
6.684
7.066
6.233
6.842
6.684
7.066
ns
4mA
GCLK
t
co
3.449
3.449
4.889
5.291
5.806
5.676
5.968
5.291
5.806
5.676
5.968
ns
GCLK
PLL
tco
3.839
3.839
5.464
5.924
6.495
6.338
6.718
5.924
6.495
6.338
6.718
ns
6mA
GCLK
t
co
3.367
3.367
4.782
5.176
5.696
5.565
5.859
5.176
5.696
5.565
5.859
ns
GCLK
PLL
tco
3.757
3.757
5.357
5.809
6.384
6.226
6.608
5.809
6.384
6.226
6.608
ns
8mA
GCLK
t
co
3.347
3.347
4.723
5.123
5.630
5.499
5.793
5.123
5.630
5.499
5.793
ns
GCLK
PLL
t
co
3.737
3.737
5.299
5.755
6.318
6.160
6.542
5.755
6.318
6.160
6.542
ns
10mA
GCLK
t
co
3.284
3.284
4.662
5.048
5.549
5.418
5.712
5.048
5.549
5.418
5.712
ns
GCLK
PLL
t
co
3.674
3.674
5.238
5.680
6.237
6.079
6.461
5.680
6.237
6.079
6.461
ns
12mA
GCLK
t
co
3.266
3.266
4.642
5.026
5.526
5.395
5.689
5.026
5.526
5.395
5.689
ns
GCLK
PLL
t
co
3.656
3.656
5.217
5.659
6.214
6.056
6.438
5.659
6.214
6.056
6.438
ns
Table 1–63. EP3SL110 Column Pins Output Timing Parameters (Part 3 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com