Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 113 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 113 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 109Page - Altera Corporation EP3SL50 Datasheet HTML 110Page - Altera Corporation EP3SL50 Datasheet HTML 111Page - Altera Corporation EP3SL50 Datasheet HTML 112Page - Altera Corporation EP3SL50 Datasheet HTML 113Page - Altera Corporation EP3SL50 Datasheet HTML 114Page - Altera Corporation EP3SL50 Datasheet HTML 115Page - Altera Corporation EP3SL50 Datasheet HTML 116Page - Altera Corporation EP3SL50 Datasheet HTML 117Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–103
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-15
CLASS II
8mA
GCLK
tco
3.268
3.268
4.617
5.001
5.499
5.368
5.662
5.001
5.499
5.368
5.662
ns
GCLK
PLL
t
co
3.658
3.658
5.193
5.634
6.187
6.029
6.411
5.634
6.187
6.029
6.411
ns
16mA
GCLK
tco
3.271
3.271
4.624
5.010
5.510
5.379
5.673
5.010
5.510
5.379
5.673
ns
GCLK
PLL
t
co
3.661
3.661
5.200
5.643
6.198
6.040
6.422
5.643
6.198
6.040
6.422
ns
1.8-V
HSTL
CLASS I
4mA
GCLK
t
co
3.278
3.278
4.619
5.001
5.497
5.366
5.660
5.001
5.497
5.366
5.660
ns
GCLK
PLL
t
co
3.668
3.668
5.195
5.634
6.185
6.027
6.409
5.634
6.185
6.027
6.409
ns
6mA
GCLK
t
co
3.271
3.271
4.617
5.000
5.496
5.365
5.659
5.000
5.496
5.365
5.659
ns
GCLK
PLL
t
co
3.661
3.661
5.193
5.632
6.184
6.026
6.408
5.632
6.184
6.026
6.408
ns
8mA
GCLK
t
co
3.263
3.263
4.610
4.992
5.489
5.358
5.652
4.992
5.489
5.358
5.652
ns
GCLK
PLL
t
co
3.653
3.653
5.185
5.625
6.177
6.019
6.401
5.625
6.177
6.019
6.401
ns
10mA
GCLK
t
co
3.266
3.266
4.613
4.996
5.493
5.362
5.656
4.996
5.493
5.362
5.656
ns
GCLK
PLL
tco
3.656
3.656
5.188
5.628
6.181
6.023
6.405
5.628
6.181
6.023
6.405
ns
12mA
GCLK
t
co
3.263
3.263
4.615
4.999
5.497
5.366
5.660
4.999
5.497
5.366
5.660
ns
GCLK
PLL
tco
3.653
3.653
5.191
5.632
6.185
6.027
6.409
5.632
6.185
6.027
6.409
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.271
3.271
4.614
4.997
5.493
5.362
5.656
4.997
5.493
5.362
5.656
ns
GCLK
PLL
t
co
3.661
3.661
5.190
5.629
6.181
6.023
6.405
5.629
6.181
6.023
6.405
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.283
3.283
4.628
5.011
5.508
5.377
5.671
5.011
5.508
5.377
5.671
ns
GCLK
PLL
t
co
3.673
3.673
5.203
5.644
6.196
6.038
6.420
5.644
6.196
6.038
6.420
ns
6mA
GCLK
t
co
3.279
3.279
4.629
5.013
5.511
5.380
5.674
5.013
5.511
5.380
5.674
ns
GCLK
PLL
t
co
3.669
3.669
5.204
5.645
6.199
6.041
6.423
5.645
6.199
6.041
6.423
ns
8mA
GCLK
t
co
3.275
3.275
4.624
5.008
5.506
5.375
5.669
5.008
5.506
5.375
5.669
ns
GCLK
PLL
t
co
3.665
3.665
5.200
5.641
6.194
6.036
6.418
5.641
6.194
6.036
6.418
ns
10mA
GCLK
t
co
3.268
3.268
4.617
5.001
5.499
5.368
5.662
5.001
5.499
5.368
5.662
ns
GCLK
PLL
t
co
3.658
3.658
5.193
5.634
6.187
6.029
6.411
5.634
6.187
6.029
6.411
ns
12mA
GCLK
tco
3.269
3.269
4.624
5.009
5.509
5.378
5.672
5.009
5.509
5.378
5.672
ns
GCLK
PLL
t
co
3.659
3.659
5.200
5.642
6.197
6.039
6.421
5.642
6.197
6.039
6.421
ns
Table 1–63. EP3SL110 Column Pins Output Timing Parameters (Part 6 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com