Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 116 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 116 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 112Page - Altera Corporation EP3SL50 Datasheet HTML 113Page - Altera Corporation EP3SL50 Datasheet HTML 114Page - Altera Corporation EP3SL50 Datasheet HTML 115Page - Altera Corporation EP3SL50 Datasheet HTML 116Page - Altera Corporation EP3SL50 Datasheet HTML 117Page - Altera Corporation EP3SL50 Datasheet HTML 118Page - Altera Corporation EP3SL50 Datasheet HTML 119Page - Altera Corporation EP3SL50 Datasheet HTML 120Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 341 page
background image
1–106
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
2mA
GCLK
tco
3.438
3.706
5.298 5.747 6.303 6.177 6.439 5.888 6.445 6.318 6.538
ns
GCLK
PLL
t
co
1.670
1.879
2.521 2.672 2.932 2.952 2.937 2.793 3.056 3.075 2.949
ns
4mA
GCLK
t
co
3.213
3.504
4.971 5.378 5.898 5.772 6.034 5.523 6.039 5.911 6.131
ns
GCLK
PLL
tco
1.445
1.677
2.194 2.303 2.527 2.547 2.532 2.428 2.650 2.668 2.542
ns
6mA
GCLK
t
co
3.148
3.402
4.818 5.228 5.739 5.613 5.875 5.355 5.866 5.739 5.959
ns
GCLK
PLL
t
co
1.380
1.575
2.041 2.153 2.368 2.388 2.373 2.260 2.477 2.496 2.370
ns
8mA
GCLK
t
co
3.088
3.328
4.741 5.134 5.642 5.516 5.778 5.260 5.772 5.645 5.865
ns
GCLK
PLL
t
co
1.320
1.501
1.964 2.059 2.271 2.291 2.276 2.165 2.383 2.402 2.276
ns
1.5 V
2mA
GCLK
tco
3.349
3.624
5.208 5.660 6.231 6.105 6.367 5.795 6.369 6.242 6.462
ns
GCLK
PLL
t
co
1.581
1.797
2.431 2.585 2.860 2.880 2.865 2.700 2.980 2.999 2.873
ns
4mA
GCLK
t
co
3.107
3.366
4.803 5.223 5.740 5.614 5.876 5.349 5.865 5.738 5.958
ns
GCLK
PLL
t
co
1.339
1.539
2.026 2.148 2.369 2.389 2.374 2.254 2.476 2.495 2.369
ns
6mA
GCLK
t
co
3.080
3.319
4.730 5.127 5.634 5.508 5.770 5.251 5.760 5.633 5.853
ns
GCLK
PLL
t
co
1.312
1.492
1.953 2.052 2.263 2.283 2.268 2.156 2.371 2.390 2.264
ns
8mA
GCLK
t
co
3.071
3.310
4.708 5.109 5.615 5.489 5.751 5.233 5.738 5.611 5.831
ns
GCLK
PLL
t
co
1.303
1.483
1.931 2.034 2.244 2.264 2.249 2.138 2.349 2.368 2.242
ns
1.2 V
2mA
GCLK
tco
3.292
3.549
5.118 5.574 6.156 6.030 6.292 5.707 6.285 6.158 6.378
ns
GCLK
PLL
t
co
1.524
1.722
2.341 2.499 2.785 2.805 2.790 2.612 2.896 2.915 2.789
ns
4mA
GCLK
t
co
3.112
3.360
4.825 5.251 5.781 5.655 5.917 5.374 5.907 5.780 6.000
ns
GCLK
PLL
t
co
1.344
1.533
2.048 2.176 2.410 2.430 2.415 2.279 2.518 2.537 2.411
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.031
3.274
4.629 5.013 5.478 5.379 5.616 5.117 5.597 5.498 5.692
ns
GCLK
PLL
t
co
1.266
1.443
1.847 1.933 2.129 2.149 2.137 2.033 2.230 2.249 2.126
ns
12mA
GCLK
t
co
3.026
3.262
4.621 5.005 5.476 5.371 5.614 5.116 5.596 5.491 5.691
ns
GCLK
PLL
t
co
1.254
1.431
1.839 1.925 2.121 2.141 2.129 2.025 2.223 2.242 2.119
ns
SSTL-2
CLASS II
16mA
GCLK
tco
3.017
3.244
4.596 4.980 5.459 5.344 5.597 5.099 5.578 5.464 5.673
ns
GCLK
PLL
t
co
1.238
1.413
1.814 1.900 2.094 2.114 2.102 1.999 2.196 2.215 2.092
ns
Table 1–64. EP3SL110 Row Pins Output Timing Parameters (Part 2 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com