Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 136 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 136 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 132Page - Altera Corporation EP3SL50 Datasheet HTML 133Page - Altera Corporation EP3SL50 Datasheet HTML 134Page - Altera Corporation EP3SL50 Datasheet HTML 135Page - Altera Corporation EP3SL50 Datasheet HTML 136Page - Altera Corporation EP3SL50 Datasheet HTML 137Page - Altera Corporation EP3SL50 Datasheet HTML 138Page - Altera Corporation EP3SL50 Datasheet HTML 139Page - Altera Corporation EP3SL50 Datasheet HTML 140Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 341 page
background image
1–126
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
2.5 V
4mA
GCLK
tco
3.422
3.439
4.846
5.222
5.737
5.585
5.919
5.222 5.737 5.585 5.919
ns
GCLK
PLL
t
co
3.898
3.841
5.433
5.991
6.452
6.273
6.654
5.991 6.452 6.273 6.654
ns
8mA
GCLK
tco
3.322
3.339
4.727
5.096
5.605
5.453
5.787
5.096 5.605 5.453 5.787
ns
GCLK
PLL
t
co
3.773
3.741
5.314
5.807
6.320
6.141
6.521
5.807 6.320 6.141 6.521
ns
12mA
GCLK
t
co
3.278
3.295
4.640
5.006
5.509
5.357
5.692
5.006 5.509 5.357 5.692
ns
GCLK
PLL
t
co
3.701
3.697
5.227
5.671
6.225
6.045
6.427
5.671 6.225 6.045 6.427
ns
16mA
GCLK
t
co
3.240
3.257
4.601
4.963
5.466
5.314
5.649
4.963 5.466 5.314 5.649
ns
GCLK
PLL
t
co
3.663
3.659
5.188
5.628
6.182
6.002
6.384
5.628 6.182 6.002 6.384
ns
1.8 V
2mA
GCLK
t
co
3.613
3.630
5.167
5.582
6.141
5.989
6.324
5.582 6.141 5.989 6.324
ns
GCLK
PLL
t
co
4.161
4.032
5.754
6.474
6.857
6.677
7.059
6.474 6.857 6.677 7.059
ns
4mA
GCLK
t
co
3.432
3.449
4.888
5.273
5.794
5.642
5.976
5.273 5.794 5.642 5.976
ns
GCLK
PLL
tco
3.920
3.851
5.475
6.068
6.509
6.330
6.710
6.068 6.509 6.330 6.710
ns
6mA
GCLK
t
co
3.350
3.367
4.781
5.158
5.683
5.531
5.866
5.158 5.683 5.531 5.866
ns
GCLK
PLL
tco
3.802
3.769
5.368
5.878
6.399
6.219
6.601
5.878 6.399 6.219 6.601
ns
8mA
GCLK
t
co
3.330
3.347
4.723
5.105
5.617
5.465
5.800
5.105 5.617 5.465 5.800
ns
GCLK
PLL
t
co
3.753
3.749
5.310
5.780
6.333
6.153
6.535
5.780 6.333 6.153 6.535
ns
10mA
GCLK
t
co
3.267
3.284
4.662
5.030
5.536
5.384
5.719
5.030 5.536 5.384 5.719
ns
GCLK
PLL
t
co
3.690
3.686
5.249
5.695
6.252
6.072
6.454
5.695 6.252 6.072 6.454
ns
12mA
GCLK
t
co
3.249
3.266
4.641
5.008
5.513
5.361
5.696
5.008 5.513 5.361 5.696
ns
GCLK
PLL
t
co
3.672
3.668
5.228
5.673
6.229
6.049
6.431
5.673 6.229 6.049 6.431
ns
Table 1–73. EP3SL150 Column Pins Output Timing Parameters (Part 3 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com