Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 138 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 138 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 134Page - Altera Corporation EP3SL50 Datasheet HTML 135Page - Altera Corporation EP3SL50 Datasheet HTML 136Page - Altera Corporation EP3SL50 Datasheet HTML 137Page - Altera Corporation EP3SL50 Datasheet HTML 138Page - Altera Corporation EP3SL50 Datasheet HTML 139Page - Altera Corporation EP3SL50 Datasheet HTML 140Page - Altera Corporation EP3SL50 Datasheet HTML 141Page - Altera Corporation EP3SL50 Datasheet HTML 142Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 341 page
background image
1–128
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-2
CLASS II
16mA
GCLK
tco
3.253
3.270
4.615
4.980
5.481
5.329
5.664
4.980 5.481 5.329 5.664
ns
GCLK
PLL
t
co
3.676
3.672
5.202
5.645
6.197
6.017
6.399
5.645 6.197 6.017 6.399
ns
SSTL-18
CLASS I
4mA
GCLK
tco
3.274
3.291
4.645
5.012
5.515
5.363
5.698
5.012 5.515 5.363 5.698
ns
GCLK
PLL
t
co
3.697
3.693
5.232
5.677
6.231
6.051
6.433
5.677 6.231 6.051 6.433
ns
6mA
GCLK
t
co
3.270
3.287
4.643
5.010
5.513
5.361
5.696
5.010 5.513 5.361 5.696
ns
GCLK
PLL
t
co
3.693
3.689
5.230
5.675
6.229
6.049
6.431
5.675 6.229 6.049 6.431
ns
8mA
GCLK
t
co
3.259
3.276
4.633
5.000
5.504
5.352
5.687
5.000 5.504 5.352 5.687
ns
GCLK
PLL
t
co
3.682
3.678
5.220
5.665
6.220
6.040
6.422
5.665 6.220 6.040 6.422
ns
10mA
GCLK
t
co
3.248
3.265
4.620
4.987
5.491
5.339
5.674
4.987 5.491 5.339 5.674
ns
GCLK
PLL
t
co
3.671
3.667
5.207
5.652
6.207
6.027
6.409
5.652 6.207 6.027 6.409
ns
12mA
GCLK
t
co
3.248
3.265
4.620
4.987
5.491
5.339
5.674
4.987 5.491 5.339 5.674
ns
GCLK
PLL
tco
3.671
3.667
5.207
5.652
6.207
6.027
6.409
5.652 6.207 6.027 6.409
ns
SSTL-18
CLASS II
8mA
GCLK
t
co
3.254
3.271
4.619
4.984
5.486
5.334
5.669
4.984 5.486 5.334 5.669
ns
GCLK
PLL
tco
3.677
3.673
5.206
5.649
6.202
6.022
6.404
5.649 6.202 6.022 6.404
ns
16mA
GCLK
t
co
3.257
3.274
4.627
4.994
5.498
5.346
5.681
4.994 5.498 5.346 5.681
ns
GCLK
PLL
t
co
3.680
3.676
5.214
5.659
6.214
6.034
6.416
5.659 6.214 6.034 6.416
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.278
3.295
4.654
5.023
5.528
5.376
5.711
5.023 5.528 5.376 5.711
ns
GCLK
PLL
t
co
3.701
3.697
5.241
5.688
6.244
6.064
6.446
5.688 6.244 6.064 6.446
ns
6mA
GCLK
t
co
3.264
3.281
4.644
5.013
5.519
5.367
5.702
5.013 5.519 5.367 5.702
ns
GCLK
PLL
t
co
3.687
3.683
5.231
5.678
6.235
6.055
6.437
5.678 6.235 6.055 6.437
ns
8mA
GCLK
t
co
3.253
3.270
4.630
4.999
5.505
5.353
5.688
4.999 5.505 5.353 5.688
ns
GCLK
PLL
t
co
3.676
3.672
5.217
5.664
6.221
6.041
6.423
5.664 6.221 6.041 6.423
ns
10mA
GCLK
t
co
3.252
3.269
4.633
5.003
5.509
5.357
5.692
5.003 5.509 5.357 5.692
ns
GCLK
PLL
t
co
3.675
3.671
5.220
5.668
6.225
6.045
6.427
5.668 6.225 6.045 6.427
ns
12mA
GCLK
tco
3.249
3.266
4.628
4.997
5.503
5.351
5.686
4.997 5.503 5.351 5.686
ns
GCLK
PLL
t
co
3.672
3.668
5.215
5.662
6.219
6.039
6.421
5.662 6.219 6.039 6.421
ns
Table 1–73. EP3SL150 Column Pins Output Timing Parameters (Part 5 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com