Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 142 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 142 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 138Page - Altera Corporation EP3SL50 Datasheet HTML 139Page - Altera Corporation EP3SL50 Datasheet HTML 140Page - Altera Corporation EP3SL50 Datasheet HTML 141Page - Altera Corporation EP3SL50 Datasheet HTML 142Page - Altera Corporation EP3SL50 Datasheet HTML 143Page - Altera Corporation EP3SL50 Datasheet HTML 144Page - Altera Corporation EP3SL50 Datasheet HTML 145Page - Altera Corporation EP3SL50 Datasheet HTML 146Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 341 page
background image
1–132
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
2mA
GCLK
tco
3.431
3.699
5.291 5.740 6.296 6.169 6.434 5.882
6.438
6.310 6.534
ns
GCLK
PLL
t
co
1.655
1.850
2.491 2.527 2.770 2.796 2.799 2.776
2.888
2.913 2.805
ns
4mA
GCLK
t
co
3.206
3.497
4.964 5.371 5.891 5.764 6.029 5.517
6.032
5.903 6.127
ns
GCLK
PLL
tco
1.430
1.648
2.164 2.201 2.410 2.436 2.439 2.411
2.527
2.551 2.443
ns
6mA
GCLK
t
co
3.141
3.395
4.811 5.221 5.732 5.605 5.870 5.349
5.859
5.731 5.955
ns
GCLK
PLL
t
co
1.365
1.546
2.011 2.096 2.310 2.336 2.339 2.243
2.421
2.446 2.338
ns
8mA
GCLK
t
co
3.081
3.321
4.734 5.127 5.635 5.508 5.773 5.254
5.765
5.637 5.861
ns
GCLK
PLL
t
co
1.327
1.508
1.937 2.043 2.244 2.270 2.273 2.148
2.349
2.374 2.266
ns
1.5 V
2mA
GCLK
tco
3.342
3.617
5.201 5.653 6.224 6.097 6.362 5.789
6.362
6.234 6.458
ns
GCLK
PLL
t
co
1.566
1.768
2.401 2.454 2.707 2.733 2.736 2.683
2.823
2.848 2.740
ns
4mA
GCLK
t
co
3.100
3.359
4.796 5.216 5.733 5.606 5.871 5.343
5.858
5.730 5.954
ns
GCLK
PLL
t
co
1.343
1.525
1.996 2.096 2.313 2.339 2.342 2.237
2.422
2.447 2.339
ns
6mA
GCLK
t
co
3.073
3.312
4.723 5.120 5.627 5.502 5.765 5.245
5.753
5.625 5.849
ns
GCLK
PLL
t
co
1.316
1.499
1.923 2.035 2.244 2.270 2.273 2.139
2.349
2.374 2.266
ns
8mA
GCLK
t
co
3.064
3.303
4.701 5.102 5.608 5.483 5.746 5.227
5.731
5.606 5.827
ns
GCLK
PLL
t
co
1.297
1.488
1.905 2.010 2.225 2.251 2.254 2.121
2.330
2.355 2.247
ns
1.2 V
2mA
GCLK
tco
3.285
3.542
5.111 5.567 6.149 6.022 6.287 5.701
6.278
6.150 6.374
ns
GCLK
PLL
t
co
1.509
1.693
2.311 2.386 2.646 2.672 2.675 2.595
2.754
2.779 2.671
ns
4mA
GCLK
t
co
3.105
3.353
4.818 5.244 5.774 5.647 5.912 5.368
5.900
5.772 5.996
ns
GCLK
PLL
t
co
1.348
1.529
2.018 2.124 2.361 2.387 2.390 2.262
2.466
2.491 2.383
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.036
3.270
4.620 5.004 5.495 5.369 5.631 5.123
5.614
5.488 5.708
ns
GCLK
PLL
t
co
1.269
1.445
1.845 1.930 2.124 2.145 2.153 2.028
2.225
2.245 2.142
ns
12mA
GCLK
t
co
3.031
3.266
4.617 5.002 5.493 5.367 5.628 5.122
5.613
5.487 5.706
ns
GCLK
PLL
t
co
1.264
1.441
1.842 1.928 2.122 2.143 2.151 2.027
2.224
2.244 2.141
ns
SSTL-2
CLASS II
16mA
GCLK
tco
3.022
3.255
4.602 4.986 5.476 5.350 5.611 5.105
5.595
5.469 5.688
ns
GCLK
PLL
t
co
1.255
1.430
1.827 1.912 2.105 2.126 2.134 2.010
2.206
2.226 2.123
ns
Table 1–74. EP3SL150 Row Pins Output Timing Parameters (Part 2 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com