Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 210 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 210 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 206Page - Altera Corporation EP3SL50 Datasheet HTML 207Page - Altera Corporation EP3SL50 Datasheet HTML 208Page - Altera Corporation EP3SL50 Datasheet HTML 209Page - Altera Corporation EP3SL50 Datasheet HTML 210Page - Altera Corporation EP3SL50 Datasheet HTML 211Page - Altera Corporation EP3SL50 Datasheet HTML 212Page - Altera Corporation EP3SL50 Datasheet HTML 213Page - Altera Corporation EP3SL50 Datasheet HTML 214Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 341 page
background image
1–200
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.5-V
HSTL CLASS I
4mA
GCLK
tco
3.438
3.708
5.456
5.652 6.194 6.041 6.418 5.789 6.327 6.177 6.497
ns
GCLK
PLL
t
co
1.489
1.677
2.197
2.291 2.520 2.524 2.561 2.401 2.631 2.633 2.549
ns
6mA
GCLK
tco
3.427
3.698
5.452
5.648 6.191 6.038 6.415 5.786 6.324 6.174 6.494
ns
GCLK
PLL
t
co
1.478
1.667
2.193
2.287 2.517 2.521 2.558 2.398 2.628 2.630 2.546
ns
8mA
GCLK
t
co
3.424
3.695
5.450
5.646 6.189 6.036 6.413 5.784 6.323 6.173 6.493
ns
GCLK
PLL
t
co
1.475
1.664
2.191
2.285 2.515 2.519 2.556 2.396 2.627 2.629 2.545
ns
DIFFERENTIAL
1.8-V HSTL
CLASS I
4mA
GCLK
t
co
3.435
3.705
5.451
5.647 6.188 6.035 6.412 5.784 6.321 6.171 6.491
ns
GCLK
PLL
t
co
1.486
1.674
2.192
2.286 2.514 2.518 2.555 2.396 2.625 2.627 2.543
ns
6mA
GCLK
t
co
3.425
3.696
5.449
5.645 6.187 6.034 6.411 5.783 6.321 6.171 6.491
ns
GCLK
PLL
t
co
1.476
1.665
2.190
2.284 2.513 2.517 2.554 2.395 2.625 2.627 2.543
ns
8mA
GCLK
t
co
3.411
3.682
5.434
5.630 6.173 6.020 6.397 5.768 6.306 6.156 6.476
ns
GCLK
PLL
tco
1.462
1.651
2.175
2.269 2.499 2.503 2.540 2.380 2.610 2.612 2.528
ns
10mA
GCLK
t
co
3.408
3.678
5.430
5.626 6.169 6.016 6.393 5.764 6.302 6.152 6.472
ns
GCLK
PLL
tco
1.459
1.647
2.171
2.265 2.495 2.499 2.536 2.376 2.606 2.608 2.524
ns
12mA
GCLK
t
co
3.405
3.676
5.431
5.629 6.172 6.019 6.396 5.767 6.306 6.156 6.476
ns
GCLK
PLL
t
co
1.456
1.645
2.172
2.268 2.498 2.502 2.539 2.379 2.610 2.612 2.528
ns
DIFFERENTIAL
1.8-V HSTL
CLASS II
16mA
GCLK
t
co
3.406
3.676
5.421
5.617 6.159 6.006 6.383 5.754 6.292 6.142 6.462
ns
GCLK
PLL
t
co
1.457
1.645
2.162
2.256 2.485 2.489 2.526 2.366 2.596 2.598 2.514
ns
DIFFERENTIAL
1.5-V
SSTL CLASS I
4mA
GCLK
t
co
3.455
3.729
5.492
5.690 6.235 6.082 6.459 5.828 6.368 6.218 6.538
ns
GCLK
PLL
t
co
1.506
1.698
2.233
2.329 2.561 2.565 2.602 2.440 2.672 2.674 2.590
ns
6mA
GCLK
t
co
3.431
3.705
5.474
5.673 6.218 6.065 6.442 5.811 6.353 6.203 6.523
ns
GCLK
PLL
t
co
1.482
1.674
2.215
2.312 2.544 2.548 2.585 2.423 2.657 2.659 2.575
ns
8mA
GCLK
t
co
3.414
3.686
5.452
5.651 6.196 6.043 6.420 5.789 6.331 6.181 6.501
ns
GCLK
PLL
t
co
1.465
1.655
2.193
2.290 2.522 2.526 2.563 2.401 2.635 2.637 2.553
ns
Table 1–98. EP3SL340 Row Pins Output Timing Parameters (Part 2 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com