Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 213 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 213 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 209Page - Altera Corporation EP3SL50 Datasheet HTML 210Page - Altera Corporation EP3SL50 Datasheet HTML 211Page - Altera Corporation EP3SL50 Datasheet HTML 212Page - Altera Corporation EP3SL50 Datasheet HTML 213Page - Altera Corporation EP3SL50 Datasheet HTML 214Page - Altera Corporation EP3SL50 Datasheet HTML 215Page - Altera Corporation EP3SL50 Datasheet HTML 216Page - Altera Corporation EP3SL50 Datasheet HTML 217Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–203
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
3.0-V LVTTL
GCLK
t
su
-0.754
-0.753
-1.062 -1.167 -1.373 -1.328 -1.604 -1.167
-1.373 -1.328
-1.604
ns
t
h
0.881
0.880
1.240
1.368
1.594
1.537
1.814
1.368
1.594
1.537
1.814
ns
GCLK
PLL
t
su
-1.048
-1.048
-1.465 -1.595 -1.829 -1.771 -2.037 -1.595
-1.829 -1.771
-2.037
ns
t
h
1.301
1.301
1.835
2.011
2.291
2.206
2.483
2.011
2.291
2.206
2.483
ns
3.0-V
LVCMOS
GCLK
t
su
-0.754
-0.753
-1.062 -1.167 -1.373 -1.328 -1.604 -1.167
-1.373 -1.328
-1.604
ns
t
h
0.881
0.880
1.240
1.368
1.594
1.537
1.814
1.368
1.594
1.537
1.814
ns
GCLK
PLL
t
su
-1.048
-1.048
-1.465 -1.595 -1.829 -1.771 -2.037 -1.595
-1.829 -1.771
-2.037
ns
t
h
1.301
1.301
1.835
2.011
2.291
2.206
2.483
2.011
2.291
2.206
2.483
ns
2.5 V
GCLK
t
su
-0.749
-0.748
-1.071 -1.179 -1.392 -1.347 -1.623 -1.179
-1.392 -1.347
-1.623
ns
t
h
0.876
0.875
1.249
1.380
1.613
1.556
1.833
1.380
1.613
1.556
1.833
ns
GCLK
PLL
t
su
-1.043
-1.043
-1.474 -1.607 -1.848 -1.790 -2.056 -1.607
-1.848 -1.790
-2.056
ns
t
h
1.296
1.296
1.844
2.023
2.310
2.225
2.502
2.023
2.310
2.225
2.502
ns
1.8 V
GCLK
t
su
-0.769
-0.768
-1.111 -1.215 -1.390 -1.345 -1.621 -1.215
-1.390 -1.345
-1.621
ns
t
h
0.898
0.897
1.289
1.416
1.611
1.554
1.831
1.416
1.611
1.554
1.831
ns
GCLK
PLL
t
su
-1.065
-1.065
-1.514 -1.643 -1.846 -1.788 -2.054 -1.643
-1.846 -1.788
-2.054
ns
t
h
1.320
1.320
1.884
2.059
2.308
2.223
2.500
2.059
2.308
2.223
2.500
ns
1.5 V
GCLK
t
su
-0.759
-0.758
-1.088 -1.183 -1.320 -1.275 -1.551 -1.183
-1.320 -1.275
-1.551
ns
t
h
0.888
0.887
1.266
1.384
1.541
1.484
1.761
1.384
1.541
1.484
1.761
ns
GCLK
PLL
t
su
-1.055
-1.055
-1.491 -1.611 -1.776 -1.718 -1.984 -1.611
-1.776 -1.718
-1.984
ns
t
h
1.310
1.310
1.861
2.027
2.238
2.153
2.430
2.027
2.238
2.153
2.430
ns
1.2 V
GCLK
t
su
-0.707
-0.706
-1.011 -1.084 -1.164 -1.119 -1.395 -1.084
-1.164 -1.119
-1.395
ns
t
h
0.836
0.835
1.189
1.285
1.385
1.328
1.605
1.285
1.385
1.328
1.605
ns
GCLK
PLL
t
su
-1.003
-1.003
-1.414 -1.512 -1.620 -1.562 -1.828 -1.512
-1.620 -1.562
-1.828
ns
t
h
1.258
1.258
1.784
1.928
2.082
1.997
2.274
1.928
2.082
1.997
2.274
ns
SSTL-2
CLASS I
GCLK
t
su
-0.678
-0.677
-0.983 -1.068 -1.166 -1.121 -1.397 -1.068
-1.166 -1.121
-1.397
ns
t
h
0.807
0.806
1.161
1.269
1.387
1.330
1.607
1.269
1.387
1.330
1.607
ns
GCLK
PLL
t
su
-0.974
-0.974
-1.386 -1.496 -1.622 -1.564 -1.830 -1.496
-1.622 -1.564
-1.830
ns
t
h
1.229
1.229
1.756
1.912
2.084
1.999
2.276
1.912
2.084
1.999
2.276
ns
SSTL-2
CLASS II
GCLK
t
su
-0.678
-0.677
-0.983 -1.068 -1.166 -1.121 -1.397 -1.068
-1.166 -1.121
-1.397
ns
t
h
0.807
0.806
1.161
1.269
1.387
1.330
1.607
1.269
1.387
1.330
1.607
ns
GCLK
PLL
t
su
-0.974
-0.974
-1.386 -1.496 -1.622 -1.564 -1.830 -1.496
-1.622 -1.564
-1.830
ns
t
h
1.229
1.229
1.756
1.912
2.084
1.999
2.276
1.912
2.084
1.999
2.276
ns
SSTL-18
CLASS I
GCLK
t
su
-0.672
-0.671
-0.971 -1.063 -1.166 -1.119 -1.398 -1.063
-1.166 -1.119
-1.398
ns
t
h
0.801
0.800
1.148
1.261
1.384
1.327
1.603
1.261
1.384
1.327
1.603
ns
GCLK
PLL
t
su
-0.968
-0.968
-1.373 -1.488 -1.619 -1.559 -1.828 -1.488
-1.619 -1.559
-1.828
ns
t
h
1.223
1.223
1.743
1.901
2.078
1.993
2.269
1.901
2.078
1.993
2.269
ns
Table 1–101. EP3SE50 Column Pins Input Timing Parameters (Part 2 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com