Electronic Components Datasheet Search
  English  ▼

X  

P2084A Datasheet(PDF) 2 Page - ON Semiconductor

Part # P2084A
Description  Low Cost Frequency Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2084A Datasheet(HTML) 2 Page - ON Semiconductor

  P2084A Datasheet HTML 1Page - ON Semiconductor P2084A Datasheet HTML 2Page - ON Semiconductor P2084A Datasheet HTML 3Page - ON Semiconductor P2084A Datasheet HTML 4Page - ON Semiconductor P2084A Datasheet HTML 5Page - ON Semiconductor P2084A Datasheet HTML 6Page - ON Semiconductor P2084A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P2084A
Rev. 1 | Page 2 of 7 | www.onsemi.com
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Connect to crystal or clock input.
2
XOUT
I
Crystal connection. If using an external reference, this pin must be left unconnected.
3
FS1
I
Digital logic input used to select input frequency range. (See Input Frequency Selection.)
This pin has an internal pull-up resistor.
4
LF
I
External loop filter for the PLL. (See Loop Filter Selection Table for value.)
5
VSS
P
Ground connection. Connect to system ground.
6
CLKOUT
O
Clock output.
7
FS0
I
Digital logic input used to select input frequency range. (See Input Frequency Selection.)
This pin has an internal pull-up resistor.
8
VDD
P
Connect to +3.3V.
Input Frequency Selection
FS1
FS0
Input (MHz)
Output Frequency Scaling
P2084A
0
0
3 to 9
12 to 36
0
1
10 to 19
40 to 76
1
0
20 to 38
80 to 152
1
1
39 to 78
156 to 312
CLKOUT
FS0
XOUT
VSS
XIN / CLKIN
6
1
2
3
4
5
8
LF
FS1
VDD
7
P2084A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com