Electronic Components Datasheet Search
  English  ▼

X  

P2084A Datasheet(PDF) 4 Page - ON Semiconductor

Part # P2084A
Description  Low Cost Frequency Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2084A Datasheet(HTML) 4 Page - ON Semiconductor

  P2084A Datasheet HTML 1Page - ON Semiconductor P2084A Datasheet HTML 2Page - ON Semiconductor P2084A Datasheet HTML 3Page - ON Semiconductor P2084A Datasheet HTML 4Page - ON Semiconductor P2084A Datasheet HTML 5Page - ON Semiconductor P2084A Datasheet HTML 6Page - ON Semiconductor P2084A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P2084A
Rev. 1 | Page 4 of 7 | www.onsemi.com
Output Clock Selection Example
The P2084A can generate 4x from the input reference
frequency. P2084A’s internal crystal oscillator circuits
allow the use of an inexpensive crystal of resonator to
replace expensive can oscillators that are used in
networking,
PC
peripherals,
xDSL,
and
consumer
applications for high frequency generation. Its input
frequency range is optimized for operation from 3MHz to
78MHz, and its output frequency can deliver up to
312MHz.
6
1
2
3
4
5
8
LF
FS1
VDD
7
P2084A
XIN
XOUT
VSS
CLKOUT
FS0
0
0
C1
C2
R1
CL
CL
0
0
VDD
VDD
VDD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com