Electronic Components Datasheet Search
  English  ▼

X  

P2084A Datasheet(PDF) 3 Page - ON Semiconductor

Part # P2084A
Description  Low Cost Frequency Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2084A Datasheet(HTML) 3 Page - ON Semiconductor

  P2084A Datasheet HTML 1Page - ON Semiconductor P2084A Datasheet HTML 2Page - ON Semiconductor P2084A Datasheet HTML 3Page - ON Semiconductor P2084A Datasheet HTML 4Page - ON Semiconductor P2084A Datasheet HTML 5Page - ON Semiconductor P2084A Datasheet HTML 6Page - ON Semiconductor P2084A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P2084A
Rev. 1 | Page 3 of 7 | www.onsemi.com
Loop Filter Selection Table VDD 3.3V
Input (MHz)
FS1
FS0
C1(pF)
C2(pF)
R1 (ohms)
3
0
0
270
330,000
220
4
0
0
270
100,000
270
5
0
0
270
100,000
390
6
0
0
270
100,000
510
7
0
0
270
100,000
620
8
0
0
270
100,000
820
9
0
0
270
100,000
1,000
10
0
1
270
100,000
330
11
0
1
270
100,000
390
12
0
1
270
100,000
510
13
0
1
270
100,000
560
14
0
1
270
100,000
620
15
0
1
270
100,000
750
16
0
1
270
100,000
820
17
0
1
270
100,000
910
18
0
1
270
100,000
1,000
19
0
1
270
100,000
1,200
20
1
0
270
100,000
330
21 - 22
1
0
270
100,000
390
23 - 24
1
0
270
100,000
510
25 - 26
1
0
270
100,000
560
27 - 28
1
0
270
100,000
620
29 - 30
1
0
270
100,000
750
31 - 32
1
0
270
100,000
820
33 - 34
1
0
270
100,000
910
35 - 36
1
0
270
100,000
1,000
37 - 38
1
0
270
100,000
1,200
39 - 42
1
1
270
100,000
330
43 - 46
1
1
270
100,000
390
47 - 50
1
1
270
100,000
510
51 - 54
1
1
270
100,000
560
55 - 58
1
1
270
100,000
620
59 - 62
1
1
270
100,000
750
63 - 66
1
1
270
100,000
820
67 - 70
1
1
270
100,000
910
71 - 74
1
1
270
100,000
1,000
75 - 78
1
1
270
100,000
1,200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com