Electronic Components Datasheet Search
  English  ▼

X  

PACDN009 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PACDN009
Description  5-Channel ESD Protection Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN009 Datasheet(HTML) 1 Page - ON Semiconductor

  PACDN009 Datasheet HTML 1Page - ON Semiconductor PACDN009 Datasheet HTML 2Page - ON Semiconductor PACDN009 Datasheet HTML 3Page - ON Semiconductor PACDN009 Datasheet HTML 4Page - ON Semiconductor PACDN009 Datasheet HTML 5Page - ON Semiconductor PACDN009 Datasheet HTML 6Page - ON Semiconductor PACDN009 Datasheet HTML 7Page - ON Semiconductor PACDN009 Datasheet HTML 8Page - ON Semiconductor PACDN009 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
5-Channel ESD Protection Array
PACDN009
©2010 SCILLC. All rights reserved.
Publication Order Number:
May 2010 Rev. 3
PACDN009/D
Features
•
Five channels of ESD protection
•
±8kV contact, ±15kV air ESD protection per
channel (IEC 61000-4-2 standard)
•
±15kV of ESD protection per channel (HBM)
•
Low loading capacitance (3pF typical)
•
Low leakage current is ideal for battery-powered
devices
•
Available in miniature 8-lead MSOP package
•
RoHS compliant (lead-free) finishing
Applications
•
Consumer electronic products
•
Cellular phones
•
PDAs
•
Notebook computers
•
Desktop PCs
•
Digital cameras and camcorders
•
VGA (video) port protection for desktop
and portable PCs
Product Description
The PACDN009 is a diode array designed to provide
5
channels
of
ESD
protection
for
electronic
components or sub-systems. Each channel consists
of a pair of diodes which steers an ESD current pulse
to either the positive (V
P) or negative (VN) supply. The
PACDN009 protects against ESD pulses up to
±15kV
Human Body Model (100 pF capacitor discharging
through
a
1.5K
Ω resistor), and ±8kV contact
discharge, per International Standard IEC 61000-4-2.
This device is particularly well-suited for portable
electronics (e.g., cellular phones, PDAs, notebook
computers) because of its small package footprint,
high
ESD
protection
level,
and
low
loading
capacitance. It is also suitable for protecting video
output
lines
and
I/O
ports
in
computers
and
peripherals and is ideal for a wide range of consumer
electronics products.
The PACDN009 is supplied in an 8-lead MSOP pack-
age and is available with RoHS compliant lead-free
finishing.


Similar Part No. - PACDN009

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN009 CALMIRCO-PACDN009 Datasheet
184Kb / 8P
5 Channel ESD Protection Array
logo
ON Semiconductor
PACDN009 ONSEMI-PACDN009 Datasheet
222Kb / 7P
5-Channel ESD Protection Array
October, 2011 ??Rev. 4
logo
California Micro Device...
PACDN009M CALMIRCO-PACDN009M Datasheet
184Kb / 8P
5 Channel ESD Protection Array
PACDN009MR CALMIRCO-PACDN009MR Datasheet
184Kb / 8P
5 Channel ESD Protection Array
logo
ON Semiconductor
PACDN009MR ONSEMI-PACDN009MR Datasheet
222Kb / 7P
5-Channel ESD Protection Array
October, 2011 ??Rev. 4
More results

Similar Description - PACDN009

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN009 CALMIRCO-PACDN009 Datasheet
184Kb / 8P
5 Channel ESD Protection Array
logo
SYNC POWER Crop.
SPE0506 SYNC-POWER-SPE0506 Datasheet
220Kb / 7P
5-Line ESD Protection Array
SPE0515 SYNC-POWER-SPE0515 Datasheet
222Kb / 7P
5-Line ESD Protection Array
SPE0535 SYNC-POWER-SPE0535 Datasheet
224Kb / 7P
5-Line ESD Protection Array
SPE0525 SYNC-POWER-SPE0525 Datasheet
229Kb / 7P
5-Line ESD Protection Array
SPE1225 SYNC-POWER-SPE1225 Datasheet
229Kb / 7P
5-Line ESD Protection Array
SPE0525_0911 SYNC-POWER-SPE0525_0911 Datasheet
197Kb / 7P
5-Line ESD Protection Array
SPE0526_0911 SYNC-POWER-SPE0526_0911 Datasheet
211Kb / 7P
5-Line ESD Protection Array
SPE0535 SYNC-POWER-SPE0535_09 Datasheet
197Kb / 7P
5-Line ESD Protection Array
logo
ON Semiconductor
PACDN009 ONSEMI-PACDN009_11 Datasheet
222Kb / 7P
5-Channel ESD Protection Array
October, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com