Electronic Components Datasheet Search
  English  ▼

X  

PACDN009 Datasheet(PDF) 4 Page - ON Semiconductor

Part # PACDN009
Description  5-Channel ESD Protection Array
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN009 Datasheet(HTML) 4 Page - ON Semiconductor

  PACDN009 Datasheet HTML 1Page - ON Semiconductor PACDN009 Datasheet HTML 2Page - ON Semiconductor PACDN009 Datasheet HTML 3Page - ON Semiconductor PACDN009 Datasheet HTML 4Page - ON Semiconductor PACDN009 Datasheet HTML 5Page - ON Semiconductor PACDN009 Datasheet HTML 6Page - ON Semiconductor PACDN009 Datasheet HTML 7Page - ON Semiconductor PACDN009 Datasheet HTML 8Page - ON Semiconductor PACDN009 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PACDN009
Rev. 3 | Page 4 of 10 | www.onsemi.com
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Supply Voltage (V
P - VN)
6.0
V
Diode Forward DC Current (Note 1)
20
mA
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
DC Voltage at any channel input
(V
N - 0.5) to (VP + 0.5)
V
Package Power Rating
200
mW
Note 1: Only one diode conducting at a time.
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
Operating Supply Voltage (VP - VN)
0 to 5.5
V
ELECTRICAL OPERATING CHARACTERISTICS(SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IP
Supply Current
(VP-VN)=5.5V
10
μA
VF
Diode Forward Voltage
IF = 20mA
0.65
0.95
V
VESD
ESD Protection
Peak Discharge Voltage at any channel
input, in system
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-2
c) Air Discharge per IEC 61000-4-2
Note 2
Notes 3
Note 4
Note 4
±15
±8
±15
kV
kV
kV
VCL
Channel Clamp Voltage
Positive Transients
Negative Transients
@15kV ESD HBM
VP + 13.0
VN - 13.0
V
V
ILEAK
Channel Leakage Current
±0.1
±1.0
μA
CIN
Channel Input Capacitance
@ 1 MHz, VP=5V, VN=0V,
VIN=2.5V; Note 2 applies
3
5
pF
Note 1: All parameters specified at T
A=25°C unless otherwise noted. VP = 5V, VN = 0V unless noted.
Note 2: From I/O pins to V
P or VN only. VP bypassed to VN with a 0.22μF ceramic capacitor (see Application Information for
more details).
Note 3: Human Body Model per MIL-STD-883, Method 3015, C
Discharge = 100pF, RDischarge = 1.5KΩ, VP = 5.0V, VN grounded.
Note 4: Standard IEC 61000-4-2 with C
Discharge = 150pF, RDischarge = 330W, VP = 5.0V, VN grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com