Electronic Components Datasheet Search
  English  ▼

X  

B5070 Datasheet(PDF) 2 Page - EPCOS

Part # B5070
Description  SAW IF filter WCDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5070 Datasheet(HTML) 2 Page - EPCOS

  B5070 Datasheet HTML 1Page - EPCOS B5070 Datasheet HTML 2Page - EPCOS B5070 Datasheet HTML 3Page - EPCOS B5070 Datasheet HTML 4Page - EPCOS B5070 Datasheet HTML 5Page - EPCOS B5070 Datasheet HTML 6Page - EPCOS B5070 Datasheet HTML 7Page - EPCOS B5070 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Sep 24, 2007
B5070
167.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Application
s
Low-loss IF filter for WCDMA base station
s
Usable passband 15 MHz
s
Balanced or unbalanced operation possible
Features
s
Package size 7.0 x 5.0 x 1.33 mm3
s
Package code QCC12E
s
RoHS compatible
s
Approx. weight 0.25 g
s
Ceramic package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Filter surface passivated
Pin configuration
s
10
Input
s
12
Input ground or input balance
s
4
Output
s
6
Output ground or output balance
s
2, 3, 8, 9
To be grounded
s
1, 5, 7, 11
Case ground
10
12
4
6
1,5,7,11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com