Electronic Components Datasheet Search
  English  ▼

X  

B5070 Datasheet(PDF) 5 Page - EPCOS

Part # B5070
Description  SAW IF filter WCDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5070 Datasheet(HTML) 5 Page - EPCOS

  B5070 Datasheet HTML 1Page - EPCOS B5070 Datasheet HTML 2Page - EPCOS B5070 Datasheet HTML 3Page - EPCOS B5070 Datasheet HTML 4Page - EPCOS B5070 Datasheet HTML 5Page - EPCOS B5070 Datasheet HTML 6Page - EPCOS B5070 Datasheet HTML 7Page - EPCOS B5070 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Sep 24, 2007
B5070
167.0 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Matching network to 50
Ω unbalanced
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
2001)
1) acc. to J-STD22A-0115A (machine model, 1 pulse +/-).
V
machine model, 1 pulse
Input power
PIN
10
dBm
Input peak power
PIN,peak
23
dBm
for max. 100 hours
Ls1 = 68 nH
Lp2 = 68 nH
Lp3 = 120 nH
Ls4 = 100 nH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com