Electronic Components Datasheet Search
  English  ▼

X  

B5070 Datasheet(PDF) 3 Page - EPCOS

Part # B5070
Description  SAW IF filter WCDMA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5070 Datasheet(HTML) 3 Page - EPCOS

  B5070 Datasheet HTML 1Page - EPCOS B5070 Datasheet HTML 2Page - EPCOS B5070 Datasheet HTML 3Page - EPCOS B5070 Datasheet HTML 4Page - EPCOS B5070 Datasheet HTML 5Page - EPCOS B5070 Datasheet HTML 6Page - EPCOS B5070 Datasheet HTML 7Page - EPCOS B5070 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Sep 24, 2007
B5070
167.0 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–10 to 85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
167.0
—
MHz
Minimum insertion attenuation
α
min
—
7.3
8.5
dB
(including matching network)
Maximum insertion attenuation
α
max
—
7.7
9.5
dB
(including matching network) fN ± 7.5 MHz
Passband width
α
rel ≤ 1.0 dB
B1dB
15.0
18.1
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 7.5 MHz
—
0.4
1.0
dB
Average Error Vector Magnitude
EVM
fN ± 1.92 MHz
—
0.7
3.0
%
fN – 5 MHz ± 1.92 MHz
—
0.9
4.0
%
fN + 5 MHz ± 1.92 MHz
—
0.9
4.0
%
fN,CDMA(k)1) ± 0.6144 MHz
1) f
N,CDMA(k) = 160.125MHz + k*1.25MHz;
k = (0,1,... ,11)
—
0.7
4.0
%
Return Loss
Input
fN ± 7.5 MHz
10.0
15.0
—
dB
Output
fN ± 7.5 MHz
10.0
19.0
—
dB
Input IP3
40
—
—
dBm
Relative attenuation (relative to
α
min)
α
rel
fN – 10.0 MHz ... fN – 15.0 MHz
0.5
4.0
—
dB
fN + 10.0 MHz ... fN + 15.0 MHz
1.5
5.7
—
dB
fN ± 15.0 MHz ... fN ± 20.0 MHz
25
46
—
dB
fN ± 20.0 MHz ... fN ± 57.0 MHz
40
50
—
dB
Temperature coefficient of frequency
TCf
—
–87
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com